Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS1887 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS1887
Description  FDDI / Fast Ethernet PHYceiverTM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1887 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS1887 Datasheet HTML 6Page - Integrated Circuit Systems ICS1887 Datasheet HTML 7Page - Integrated Circuit Systems ICS1887 Datasheet HTML 8Page - Integrated Circuit Systems ICS1887 Datasheet HTML 9Page - Integrated Circuit Systems ICS1887 Datasheet HTML 10Page - Integrated Circuit Systems ICS1887 Datasheet HTML 11Page - Integrated Circuit Systems ICS1887 Datasheet HTML 12Page - Integrated Circuit Systems ICS1887 Datasheet HTML 13Page - Integrated Circuit Systems ICS1887 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
ICS1887
Clocks — Transmit Clock Tolerance
Clocks — Receive Clock Tolerance
Note: TCLK Duty cycle = REF_IN Duty cycle ±5%.
T#
PARAMETER (conditions)
MIN
TYP
MAX
UNITS
t1
TCLK Duty Cycle
40
50
60
%
t2
TCLK Period
40
ns
T#
PARAMETER (conditions)
MIN
TYP
MAX
UNITS
t1
RCLK Duty Cycle
45
50
55
%
t2
RCLK Period
40
ns


Similar Part No. - ICS1887

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1886 ICST-ICS1886 Datasheet
726Kb / 10P
   FDDI / Fast Ethernet PHYceiverTM
ICS1886M ICST-ICS1886M Datasheet
726Kb / 10P
   FDDI / Fast Ethernet PHYceiverTM
ICS1889 ICST-ICS1889 Datasheet
1Mb / 35P
   100Base-FX Integrated PHYceiverTM
More results

Similar Description - ICS1887

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1886 ICST-ICS1886 Datasheet
726Kb / 10P
   FDDI / Fast Ethernet PHYceiverTM
logo
Micro Linear Corporatio...
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
   Fast Ethernet/FDDI TP-PMD Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-5903 HP-HFBR-5903 Datasheet
291Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
Broadcom Corporation.
AFBR-5903Z BOARDCOM-AFBR-5903Z Datasheet
423Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5903Z AVAGO-AFBR-5903Z Datasheet
423Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
Infineon Technologies A...
V23809-C8-C10 INFINEON-V23809-C8-C10 Datasheet
91Kb / 6P
   Multimode 1300 nm LED Fast Ethernet/FDDI/ATM 170 MBd 1x9 Transceiver
DECEMBER 1999
logo
List of Unclassifed Man...
TTC-1T18 ETC-TTC-1T18 Datasheet
87Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
TTC-1T23 ETC-TTC-1T23 Datasheet
88Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
TTC-1C23-300 ETC-TTC-1C23-300 Datasheet
38Kb / 2P
   1 횞 9 Fiber Optic Transceiver for Fast Ethernet, FDDI, ATM/SONET/SDH
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ_12 Datasheet
166Kb / 13P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com