Electronic Components Datasheet Search |
|
AT83SND2CDVX Datasheet(PDF) 69 Page - ATMEL Corporation |
|
AT83SND2CDVX Datasheet(HTML) 69 Page - ATMEL Corporation |
69 / 98 page 69 AT83SND2CMP3 7524D–MP3–07/07 Figure 60. Transmission Waveforms (Mode 0) Reception (Mode 0) To start a reception in mode 0, write to SCON register clearing SM0, SM1 and RI bits and setting the REN bit. As shown in Figure 61, Clock is pulsed and the LSB (D0) is sampled on the RXD pin. The D0 bit is then shifted into the shift register. After eight samplings, the MSB (D7) is shifted into the shift register, and hardware asserts RI bit to indicate a completed recep- tion. Software can then read the received Byte from SBUF register. Figure 61. Reception Waveforms (Mode 0) Baud Rate Selection (Mode 0) In mode 0, the baud rate can be either, fixed or variable. As shown in Figure 62, the selection is done using M0SRC bit in BDRCON register. Figure 63 gives the baud rate calculation formulas for each baud rate source. Figure 62. Baud Rate Source Selection (mode 0) Figure 63. Baud Rate Formulas (Mode 0) Write to SBUF TXD RXD TI D0 D1 D2 D3 D4 D5 D6 D7 Write to SCON TXD RXD RI D0 D1 D2 D3 D4 D5 D6 D7 Set REN, Clear RI 0 1 M0SRC BDRCON.0 PER CLOCK ÷ 6 To Serial Port IBRG CLOCK Baud_Rate= 6(1-SPD) ⋅ 32 ⋅ (256 -BRL) 2SMOD1 ⋅ FPER BRL= 256 - 6(1-SPD) ⋅ 32 ⋅ Baud_Rate 2SMOD1 ⋅ F PER a. Fixed Formula b. Variable Formula Baud_Rate= 6 F PER |
Similar Part No. - AT83SND2CDVX_14 |
|
Similar Description - AT83SND2CDVX_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |