Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD24S Datasheet(PDF) 4 Page - NEC

Part # RD24S
Description  ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD24S Datasheet(HTML) 4 Page - NEC

  RD24S Datasheet HTML 1Page - NEC RD24S Datasheet HTML 2Page - NEC RD24S Datasheet HTML 3Page - NEC RD24S Datasheet HTML 4Page - NEC RD24S Datasheet HTML 5Page - NEC RD24S Datasheet HTML 6Page - NEC RD24S Datasheet HTML 7Page - NEC RD24S Datasheet HTML 8Page - NEC RD24S Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RD2.0S to RD120S
4
Data Sheet D11444EJ3V0DS00
ELECTRICAL CHARACTERISTICS (TA = 25
± 2 °C)
Type Number
Class
Zener Voltage
Dynamic
Reverse Current
Vz (V)Note 1
Impedance Zz (
Ω)Note 2
IR (
µA)
MIN.
MAX.
Iz (mA)
MAX.
Iz (mA)
MAX.
VR (V)
RD39S
B
37.00
41.00
2
100
2
2
30
RD43S
B
40.00
45.00
2
130
2
2
33
RD47S
B
44.00
49.00
2
150
2
2
36
RD51S
B
48.00
54.00
2
180
2
1
39
RD56S
B
53.00
60.00
2
180
2
1
43
RD62S
B
58.00
66.00
2
200
2
0.2
47
RD68S
B
64.00
72.00
2
250
2
0.2
52
RD75S
B
70.00
79.00
2
300
2
0.2
57
RD82S
B
77.00
87.00
2
300
2
0.2
63
RD91S
B
85.00
96.00
1
700
1
0.2
69
RD100S
B
94.00
106.0
1
700
1
0.2
76
RD110S
B
104.0
116.0
1
800
1
0.2
84
RD120S
B
114.0
126.0
1
900
1
0.2
91
Note 1. Vz is tested with pulsed (40 ms).
2. Zz is measured at Iz by given a very small A.C. current signal.


Similar Part No. - RD24S

ManufacturerPart #DatasheetDescription
logo
NEC
RD24SL NEC-RD24SL Datasheet
84Kb / 7P
   ZENER DIODES
More results

Similar Description - RD24S

ManufacturerPart #DatasheetDescription
logo
NEC
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
RD62Z NEC-RD62Z Datasheet
33Kb / 4P
   ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
2SC4885 NEC-2SC4885 Datasheet
82Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS SUPER MINI MOLD
RD39UJ NEC-RD39UJ Datasheet
41Kb / 8P
   LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com