Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9108-03CS8 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9108-03CS8
Description  CPU Frequency Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9108-03CS8 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9108-03CS8 Datasheet HTML 1Page - Integrated Circuit Systems ICS9108-03CS8 Datasheet HTML 2Page - Integrated Circuit Systems ICS9108-03CS8 Datasheet HTML 3Page - Integrated Circuit Systems ICS9108-03CS8 Datasheet HTML 4Page - Integrated Circuit Systems ICS9108-03CS8 Datasheet HTML 5Page - Integrated Circuit Systems ICS9108-03CS8 Datasheet HTML 6Page - Integrated Circuit Systems ICS9108-03CS8 Datasheet HTML 7Page - Integrated Circuit Systems ICS9108-03CS8 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Frequency Accuracy and Calculation
The accuracy of the frequencies produced by the ICS9108
depends on the input frequency and the desired actual output
frequency. The formula for calculating the exact frequency is
as follows:
A
Output Frequency = Input Frequency
×
B
where A=2, 3, 4 ... 128, and
B=2, 3, 4 ... 32.
For example, to calculate the actual output frequency for a
video monitor expecting a 44.900 MHz clock and using a
14.318 MHz input clock, the closest A/B ratio is 69/22, which
gives an output of 44.906 MHz (within 0.02% of the target
frequency). Generally, the ICS9108 can produce frequencies
within 0.1% of the desired output.
Allowable Input and Output Frequencies
The input frequency should be between 2 and 32 MHz and the
A/B ratio should not exceed 24. The output should fall in the
range of 2-120 MHz.
Output Enable
The Output Enable feature tristates the specified output clock
pins. This places the selected output pins in a high impedance
state to allow for system level diagnostic testing.
Power-Down
If equipped, the power-down shuts off the specified PLL or
entire chip to save current. A few milliseconds are required to
reach full functioning speed from a power-down state.
Frequency Transitions
A key ICS9108 feature is the ability to provide glitch-free frequency transitions across its output frequency range. The ICS9108
provides smooth transitions between any of the two groups of eight frequencies (when FS3=0 or FS3=1), so that the device will
switch glitch-free between 4-100 MHz and 2-50 MHz.
AV9108
4


Similar Part No. - ICS9108-03CS8

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9107C-21 ICST-ICS9107C-21 Datasheet
151Kb / 4P
   Frequency Generator for Fibre Channel Systems
ICS9107C-21CS08 ICST-ICS9107C-21CS08 Datasheet
151Kb / 4P
   Frequency Generator for Fibre Channel Systems
ICS9107C-22CS08 ICST-ICS9107C-22CS08 Datasheet
151Kb / 4P
   Frequency Generator for Fibre Channel Systems
More results

Similar Description - ICS9108-03CS8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AV9107C-17 IDT-AV9107C-17 Datasheet
149Kb / 5P
   CPU Frequency Generator
AV9107C IDT-AV9107C Datasheet
509Kb / 9P
   CPU Frequency Generator
logo
Integrated Circuit Syst...
AV9107C-17 ICST-AV9107C-17 Datasheet
143Kb / 5P
   CPU Frequency Generator
AV9107C-13 ICST-AV9107C-13 Datasheet
245Kb / 5P
   CPU Frequency Generator
AV9107C ICST-AV9107C Datasheet
504Kb / 9P
   CPU Frequency Generator
AV9107C-11 ICST-AV9107C-11 Datasheet
69Kb / 1P
   Green PC CPU Frequency Generator
logo
Exar Corporation
ST49C107A EXAR-ST49C107A Datasheet
66Kb / 8P
   Preprogrammed CPU Mother Board Frequency Generator
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
   Frequency Generator with 200MHz Differential CPU Clocks
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com