Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV9154A-04CN16 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # AV9154A-04CN16
Description  Low-Cost 16-Pin Frequency Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9154A-04CN16 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button AV9154A-04CN16 Datasheet HTML 2Page - Integrated Circuit Systems AV9154A-04CN16 Datasheet HTML 3Page - Integrated Circuit Systems AV9154A-04CN16 Datasheet HTML 4Page - Integrated Circuit Systems AV9154A-04CN16 Datasheet HTML 5Page - Integrated Circuit Systems AV9154A-04CN16 Datasheet HTML 6Page - Integrated Circuit Systems AV9154A-04CN16 Datasheet HTML 7Page - Integrated Circuit Systems AV9154A-04CN16 Datasheet HTML 8Page - Integrated Circuit Systems AV9154A-04CN16 Datasheet HTML 9Page - Integrated Circuit Systems AV9154A-04CN16 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
AV9154A
Electrical Characteristics at 3.3 V
VDD = 3.3 V ± 10%, TA = 0 - 70
oC unless otherwise stated
Notes:
1. Parameter is guaranteed by design and characterization. Not subject to production testing.
AC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Clock Rise Time
1
tICr
-
-
20
ns
Input Clock Fall Time1
tICf
-
-
20
ns
Rise time, 20% to 80%
VDD1
tr
15pF load
-
2.2
3.5
ns
Fall time, 80% to 20%
VDD
1
tf
15pF load
-
1.2
2.5
ns
Duty cycle at 50% VDD
1
dt
15pF load
40/60
48/52
60/40
%
Duty cycle, reference
clocks1
dt
15pF load
50/65
43/57
65/50
%
Jitter, one sigma, 20-66
MHz clocks
1
tj1s
10,000 cycles
-
100
200
ps
Jitter, one sigma, clocks
below 20 MHz1
tjls
10,000 cycles
-
1.0
2.0
%
Jitter, absolute, 20-66
MHz clocks1
tjab
10,000 cycles
-350
-
350
ps
Jitter, absolute, clocks
below 20 MHz
1
tjab
10,000 cycles
-
1.5
4.0
%
Input Frequency1
fin
2
14.318
32
MHz
Maximum Output
Frequency1
fout
70
-
-
MHz
Clock skew between CPU
and 2XCPU outputs
1
Tsk
AV9154A-42
-
220
500
ps
Power-up Time1
ttPO
off to 50 MHz
-
6
12
ms
Frequency Transition
Time1
tft
from 8 to 50 MHz
-
4.5
10
ms


Similar Part No. - AV9154A-04CN16

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9154A-39 ICST-AV9154A-39 Datasheet
265Kb / 5P
   Low Cost 16-Pin Frequency Generator
AV9154A-39CS16 ICST-AV9154A-39CS16 Datasheet
265Kb / 5P
   Low Cost 16-Pin Frequency Generator
AV9154A-60 ICST-AV9154A-60 Datasheet
148Kb / 7P
   OPTi Notebook Frequency Generator
AV9154A-60CS16 ICST-AV9154A-60CS16 Datasheet
148Kb / 7P
   OPTi Notebook Frequency Generator
More results

Similar Description - AV9154A-04CN16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9154A IDT-9154A Datasheet
161Kb / 11P
   Low-Cost 16-Pin Frequency Generator
logo
Integrated Circuit Syst...
AV9154A-39 ICST-AV9154A-39 Datasheet
265Kb / 5P
   Low Cost 16-Pin Frequency Generator
9154A ICST-9154A Datasheet
195Kb / 11P
   Low-Cost 16-Pin Frequency Generator
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
   Low-Cost 8-Pin Frequency Generator
AV9155C ICST-AV9155C Datasheet
358Kb / 14P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Device Techn...
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Circuit Syst...
ICS9169C-36 ICST-ICS9169C-36 Datasheet
132Kb / 5P
   Low Cost 20-Pin Frequency Generator
AV9155 ICST-AV9155 Datasheet
387Kb / 11P
   Low Cost 20-Pin Frequency Generator
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Device Techn...
ICS9120-45 IDT-ICS9120-45 Datasheet
313Kb / 5P
   Low-Cost 8-Pin Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com