Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV9155C Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # AV9155C
Description  Low Cost 20-Pin Frequency Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9155C Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button AV9155C Datasheet HTML 2Page - Integrated Circuit Systems AV9155C Datasheet HTML 3Page - Integrated Circuit Systems AV9155C Datasheet HTML 4Page - Integrated Circuit Systems AV9155C Datasheet HTML 5Page - Integrated Circuit Systems AV9155C Datasheet HTML 6Page - Integrated Circuit Systems AV9155C Datasheet HTML 7Page - Integrated Circuit Systems AV9155C Datasheet HTML 8Page - Integrated Circuit Systems AV9155C Datasheet HTML 9Page - Integrated Circuit Systems AV9155C Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
AV9155C
Electrical Characteristics at 5V
Absolute Maximum Ratings
VDD referenced to GND . . . . . . . . . . . . . . . . . . . . . . 7V
Voltage on I/O pins referenced to GND. . . . . . . . . . . GND -0.5V to VDD +0.5V
Operating temperature under bias. . . . . . . . . . . . . . . . 0°C to +70°C
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 Watts
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
VDD = 4.0 to 5.5V (5V +10%/-20%); TA=0°C to 70°C unless otherwise stated
Notes:
1 Parameter is guaranteed by design and characterization, not subject to production testing.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
D
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IV L
IV D
DV
5
=-
-
8
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV H
IV D
DV
5
=0
.
2-
-
V
#
D
P
,
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV
D
P
H
IV D
Dt
u
p
n
i
#
D
P
r
o
f
,
V
5
=2
.
2-
-
V
t
n
e
r
r
u
C
w
o
L
t
u
p
n
II L
IV N
I)
n
i
p
p
u
-
l
l
u
p
(
V
0
=-
6
15
3A
µ
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
II H
IV N
IV
=D
D5
-0
5
A
µ
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV L
OI L
OA
m
8
=-
5
1
.
04
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
1
VH
OI H
OA
m
5
2
-
=4
.
27
.
3-
V
t
n
e
r
r
u
C
w
o
L
t
u
p
t
u
O
1
IL
OV L
O8
.
0
=5
12
3-
A
m
t
n
e
r
r
u
C
h
g
i
H
t
u
p
t
u
O
1
IH
OV H
OV
0
.
2
=-
8
4
-0
3
-A
m
t
n
e
r
r
u
C
y
l
p
p
u
SI D
Dz
H
M
6
6
,
d
e
d
a
o
l
n
U-
8
30
6A
m
n
w
o
d
-
r
e
w
o
P
,
t
n
e
r
r
u
C
y
l
p
p
u
SI
D
P
D
DK
L
C
Sx
0
=
#
D
P
0
0
0
=-
7
.
05
.
1A
m
e
g
n
a
h
C
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
d
n
a
y
l
p
p
u
S
r
e
v
o
e
r
u
t
a
r
e
p
m
e
T
1
FD
l
a
c
i
p
y
t
o
t
t
c
e
p
s
e
r
h
t
i
W
y
c
n
e
u
q
e
r
f
-2
0
0
.
01
0
.
0%
t
n
e
r
r
u
c
t
i
u
c
r
i
c
t
r
o
h
S
1
IC
Sk
c
o
l
c
t
u
p
t
u
o
h
c
a
E5
20
4-
A
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
1
CI
2
X
,
1
X
t
p
e
c
x
E-
-
0
1F
p
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L
1
CL
2
X
,
1
X
s
n
i
P-
0
2-
F
p
r
o
t
s
i
s
e
R
p
u
-
l
l
u
P
1
Ru
pV
t
aN
IV
=D
DV
1
-0
2
10
5
30
0
7m
h
o
k


Similar Part No. - AV9155C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Circuit Syst...
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
   Low Cost 20-Pin Frequency Generator
AV9155C-44CW20 ICST-AV9155C-44CW20 Datasheet
350Kb / 4P
   Low Cost 20-Pin Frequency Generator
More results

Similar Description - AV9155C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Circuit Syst...
ICS9169C-36 ICST-ICS9169C-36 Datasheet
132Kb / 5P
   Low Cost 20-Pin Frequency Generator
AV9155 ICST-AV9155 Datasheet
387Kb / 11P
   Low Cost 20-Pin Frequency Generator
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Device Techn...
AV9155 IDT-AV9155 Datasheet
393Kb / 11P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Circuit Syst...
AV9154A ICST-AV9154A Datasheet
901Kb / 10P
   Low-Cost 16-Pin Frequency Generator
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
   Low-Cost 8-Pin Frequency Generator
logo
Integrated Device Techn...
9154A IDT-9154A Datasheet
161Kb / 11P
   Low-Cost 16-Pin Frequency Generator
logo
Integrated Circuit Syst...
9154A ICST-9154A Datasheet
195Kb / 11P
   Low-Cost 16-Pin Frequency Generator
AV9154A-39 ICST-AV9154A-39 Datasheet
265Kb / 5P
   Low Cost 16-Pin Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com