Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B44066D5050M400 Datasheet(PDF) 4 Page - TDK Electronics

Part # B44066D5050M400
Description  Film Capacitors - Power Factor Correction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B44066D5050M400 Datasheet(HTML) 4 Page - TDK Electronics

  B44066D5050M400 Datasheet HTML 1Page - TDK Electronics B44066D5050M400 Datasheet HTML 2Page - TDK Electronics B44066D5050M400 Datasheet HTML 3Page - TDK Electronics B44066D5050M400 Datasheet HTML 4Page - TDK Electronics B44066D5050M400 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Film Capacitors – Power Factor Correction
B44066D5050M400
Harmonic filter reactor
B44066D****M***
FILM PFC PM
June 2011
Please read Cautions and warnings and
Page 4 of 5
Important notes at the end of this document.
In order to exclude impermissible temperatures and thus overload of the insulation system, the
following cautions must additionally be observed:
 Only those protective devices specified on the type plates, such as fuses and motor protection
switches, may be used. It is mandatory to observe the set values specified for the motor protection
switches. Any temperature- sensitive protective devices such as temperature switches and
temperature sensors must be connected in accordance with the installation instructions.
 High temperatures are permissible for the surfaces under rated operating conditions, and
especially in the event of overload. Depending on the temperature class and type of loading, these
may attain values of up to 260 °C and may also affect adjacent components which have been
packed too densely.
 The insertion position should be selected so that any cooling ducts present within the winding are
arranged vertically and that the current of cooling air is not impeded by adjacent components,
connecting leads etc.
 The maximum voltage of the insulating system specified on the type plate must not be exceeded.
Noncompliance with these instructions may lead to considerable damage to equipment or fire due
to impermissibly high temperatures.
 We strongly recommend to make use of the integrated temperature switch (NC). It will open when
the maximum operation temperature for the reactor is reached. Note: This switch is a warning
device only. It will not disconnect the reactor. Overheating may lead to failure of the device and
subsequently to severe damage to the equipment and/or serious injury or death of human beings.
Note
Please read cautions information about PFC capacitors and cautions as well as installation and
maintenance instructions in the actual version of the Product Profile Power Factor Correction to
ensure optimum performance and prevent products from failing, and in worst case, bursting and fire,
etc. The actual Product Profile is available at www.epcos.com/publications.
Information given in the PFC-product profile and values given in the data sheet reflect typical
specifications. You are kindly requested to approve our product specifications or request our approval
for your specification before ordering.


Similar Part No. - B44066D5050M400

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B44066D5050M440 TDK-B44066D5050M440 Datasheet
196Kb / 5P
   Film Capacitors - Power Factor Correction
B44066D5050M441 TDK-B44066D5050M441 Datasheet
196Kb / 5P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B44066D5050M400

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com