Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1456 Datasheet(PDF) 1 Page - NEC

Part # UPA1456
Description  NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1456 Datasheet(HTML) 1 Page - NEC

  UPA1456 Datasheet HTML 1Page - NEC UPA1456 Datasheet HTML 2Page - NEC UPA1456 Datasheet HTML 3Page - NEC UPA1456 Datasheet HTML 4Page - NEC UPA1456 Datasheet HTML 5Page - NEC UPA1456 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SILICON TRANSISTOR ARRAY
DESCRIPTION
The
µPA1456 is NPN silicon epitaxial Darlington
Power Transistor Array that built in 4 circuits designed
for driving solenoid, relay, lamp and so on.
FEATURES
Easy mount by 0.1 inch of terminal interval.
High hFE for Darlington Transistor.
ORDERING INFORMATION
Part Number
Package
Quality Grade
µPA1456H
10 Pin SIP
Standard
Please refer to "Quality grade on NEC Semiconductor Devices"
(Document number IEI-1209) published by NEC Corporation to
know the specification of quality grade on the devices and its
recommended applications.
ABSOLUTE MAXIMUM RATINGS (Ta = 25 ˚C)
Collector to Base Voltage
VCBO
150
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
7V
Collector Current (DC)
IC(DC)
±5
A/unit
Collector Current (pulse)
IC(pulse)*
±10
A/unit
Base Current (DC)
IB(DC)
0.5
A/unit
Total Power Dissipation
PT1
**
3.5
W
Total Power Dissipation
PT2***
28
W
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–55 to +150
˚C
* PW
≤ 300
µs, Duty Cycle ≤ 10 %
** 4 Circuits, Ta = 25 ˚C
*** 4 Circuits, Tc = 25 ˚C
Document No. IC-3521
(O. D. No. IC-6340)
Date Published September 1994 P
Printed in Japan
µPA1456
NPN SILICON POWER TRANSISTOR ARRAY
LOW SPEED SWITCHING USE (DARLINGTON TRANSISTOR)
INDUSTRIAL USE
PACKAGE DIMENSION
(in millimeters)
1 2 3 4 5 6 7 8 9 10
26.8 MAX.
1.4
0.6 ±0.1
2.54
4.0
1.4
0.5 ±0.1
CONNECTION DIAGRAM
2
3
1
468
57
9
10
(C)
(E)
(B)
R1
R2
PIN No.
2, 4, 6, 8
3, 5, 7, 9
1, 10
: Base (B)
: Collector (C)
: Emitter (E)
R1 = 3.0 k
R2 = 300
.
.
.
.
The information in this document is subject to change without notice.
©
1994
DATA SHEET


Similar Part No. - UPA1456

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1456 RENESAS-UPA1456 Datasheet
209Kb / 8P
   SILICON TRANSISTOR ARRAY
1994
UPA1456H RENESAS-UPA1456H Datasheet
209Kb / 8P
   SILICON TRANSISTOR ARRAY
1994
More results

Similar Description - UPA1456

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1478 NEC-UPA1478 Datasheet
59Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1476 NEC-UPA1476 Datasheet
62Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1458 NEC-UPA1458 Datasheet
51Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1436A NEC-UPA1436A Datasheet
60Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1428A NEC-UPA1428A Datasheet
54Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1437 NEC-UPA1437 Datasheet
62Kb / 6P
   PNP SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1454 NEC-UPA1454 Datasheet
50Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE
UPA1434 NEC-UPA1434 Datasheet
54Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE
UPA1453 NEC-UPA1453 Datasheet
54Kb / 6P
   PNP SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE INDUSTRIAL USE
logo
List of Unclassifed Man...
2SD1671 ETC2-2SD1671 Datasheet
36Kb / 1P
   NPN Silicon Epitaxial Darlington Transistor Low Speed High Current Switching Industrial Use
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com