Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29F040AC-55I Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY29F040AC-55I
Description  512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F040AC-55I Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY29F040AC-55I Datasheet HTML 5Page - Hynix Semiconductor HY29F040AC-55I Datasheet HTML 6Page - Hynix Semiconductor HY29F040AC-55I Datasheet HTML 7Page - Hynix Semiconductor HY29F040AC-55I Datasheet HTML 8Page - Hynix Semiconductor HY29F040AC-55I Datasheet HTML 9Page - Hynix Semiconductor HY29F040AC-55I Datasheet HTML 10Page - Hynix Semiconductor HY29F040AC-55I Datasheet HTML 11Page - Hynix Semiconductor HY29F040AC-55I Datasheet HTML 12Page - Hynix Semiconductor HY29F040AC-55I Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
HY29F040A
writing the "set-up" command. Two more 'unlock'
write cycles are then followed by the chip erase
command.
Upon executing the Chip Erase command
sequence, the device’s internal state machine
executes an internal erase algorithm. The system is
not required to provide further controls or timings.
The device will automatically provide adequate in-
ternally generated erase pulses and verify chip
erase within the proper cell margins. During chip
erase, all sectors of the device are erased except
protected sectors.
During Chip Erase, data bit DQ7 shows a logical
“0”. This operation is known as /Data Polling. The
erase operation is completed when the data on DQ7
is a logical “1” (see Write Operation Status sec-
tion). Upon completion of the Chip Erase
operation, the device returns to read mode. At this
time, the address pins are no longer latched. Note
that /Data Polling must be performed at a sector
address within any of the sectors being erased and
not a protected sector to ensure that DQ7 returns
a logical “1” upon completion of the Chip Erase
operation.
Figure 2 illustrates the Chip Erase Algorithm
using typical command strings and bus operations.
The device will ignore any commands written to
the chip during execution of the internal Chip Erase
algorithm.
Sector Erase Command
Sector erase is a six bus cycle operation (see Table
5). There are two 'unlock' write cycles that are fol-
lowed by writing the "set-up" command. Two more
"unlock" write cycles are then followed by the sec-
tor erase command. The sector address (any ad-
dress location within the desired sector) is latched
on the falling edge of /WE, while the command data
is latched on the rising edge of /WE. An internal de-
vice timer initiates Sector Erase operation after 100
m
s ± 20% (80 ms to 120 ms) from the rising edge of
the /WE pulse for the last Sector Erase command
entered on the device.
Upon executing the Sector Erase command
sequence, the device’s internal state machine
executes an internal erase algorithm. The system is
not required to provide further controls or
timings. The device will automatically provide
adequate internally generated erase pulses and
verify sector erase within the proper cell margins.
Protected sectors of the device will not be erased,
even if they are selected with the Sector Erase
command.
Multiple sectors can be erased sequentially by writ-
ing the sixth bus cycle command of the Sector Erase
command for each sector to be erased. The time
between initiation of the next Sector Erase com-
mand must be less than 80 ms to guarantee ac-
ceptance of the command by the internal state ma-
chine. The time-out window can be monitored via
the write operation status pin DQ3 (refer to the Write
Operation Status section for Sector Erase Timer
operation). It is recommended that CPU interrupts
be disabled during this time to ensure that the sub-
sequent Sector Erase commands can be initiated
within the 80 ms window. The interrupts can be re-
enabled after the last Sector Erase command is
written. As mentioned above, an internal device timer
will initiate the Sector Erase operation 100 ms ± 20%
(80 ms to 120 ms) from the rising edge of the last /
WE pulse. The Sector Erase Timer Write Operation
Status pin (DQ3) can be used to monitor the time out
window. If another falling edge of the /WE occurs
within the 100 ms time-out window, the internal de-
vice timer is reset. Loading the sector erase buffer
may be done in any sequence and with any num-
ber of sectors.
Any command other than Sector Erase or Erase
Suspend or Erase Resume during this period and
afterwards will reset the device to read mode, ig-
noring the previous command string. Resetting the
device after it has begun execution of a Sector
Erase operation will result in the data in the oper-
ated sectors being undefined. In this case, restart
the Sector Erase operation on those sectors and
allow them to complete the Erase operation.
When erasing a sector or multiple sectors, the data
in the unselected sectors remains unaffected. The
system is not required to provide any controls or
timings during these operations.


Similar Part No. - HY29F040AC-55I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-45 HYNIX-HY29F002TC-45 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-55 HYNIX-HY29F002TC-55 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-70 HYNIX-HY29F002TC-70 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-90 HYNIX-HY29F002TC-90 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
More results

Similar Description - HY29F040AC-55I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040 AMICC-A29040 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Alliance Semiconductor ...
AS29CF040-55CCIN ALSC-AS29CF040-55CCIN Datasheet
713Kb / 27P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector - Parallel Flash Memory
logo
Advanced Micro Devices
AM29F016 AMD-AM29F016 Datasheet
219Kb / 36P
   16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com