Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1454 Datasheet(PDF) 3 Page - NEC

Part # UPA1454
Description  NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1454 Datasheet(HTML) 3 Page - NEC

  UPA1454 Datasheet HTML 1Page - NEC UPA1454 Datasheet HTML 2Page - NEC UPA1454 Datasheet HTML 3Page - NEC UPA1454 Datasheet HTML 4Page - NEC UPA1454 Datasheet HTML 5Page - NEC UPA1454 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
µPA1454
3
TYPICAL CHARACTERISTICS (Ta = 25 ˚C)
DERATING CURVE OF SAFE
OPERATING AREA
0
100
TC - Case Temperature - ˚C
80
60
40
20
50
100
150
S/b
Limited
SAFE OPERATING AREA
1
100
VCE - Collector to Emitter Voltage - V
0.1
5
10
50
5
100
IC(pulse) MAX.
TC = 25 ˚C
Single Pulse
10
50
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
0
4
Ta - Ambient Temperature - ˚C
NEC
PA1454
µ
3
2
1
25
50
75
100
125
150
4 Circuits Operation
3 Circuits Operation
2 Circuits Operation
1 Circuit Operation
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
30
TC - Case Temperature - ˚C
20
10
25
50
75
100
125
150
4 Circuits Operation
3 Circuits Operation
2 Circuits Operation
1 Circuit Operation
DC CURRENT GAIN vs. COLLECTOR CURRENT
0.001
10000
IC - Collector Current -A
1000
100
10
0.01
0.1
1
10
VCE = 5 V
Pulsed
BASE AND COLLECTOR SATURATION
VOLTAGE vs. COLLECTOR CURRENT
0.01
10
IC - Collector Current - A
1
0.1
1
10
0.1
0.02
VBE(sat)
IC = 200·IB
IC = 1000·I
B
IC =
500·I
B
IC =
200·I
B
IC =
100·I
B
0.5
1
PW
=
100
s
IC(DC) MAX.


Similar Part No. - UPA1454

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1454 RENESAS-UPA1454 Datasheet
208Kb / 8P
   SILICON TRANSISTOR ARRAY
1994
UPA1454H RENESAS-UPA1454H Datasheet
208Kb / 8P
   SILICON TRANSISTOR ARRAY
1994
More results

Similar Description - UPA1454

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1434 NEC-UPA1434 Datasheet
54Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE
UPA1476 NEC-UPA1476 Datasheet
62Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1478 NEC-UPA1478 Datasheet
59Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1458 NEC-UPA1458 Datasheet
51Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1456 NEC-UPA1456 Datasheet
55Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1436A NEC-UPA1436A Datasheet
60Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1428A NEC-UPA1428A Datasheet
54Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1437 NEC-UPA1437 Datasheet
62Kb / 6P
   PNP SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1453 NEC-UPA1453 Datasheet
54Kb / 6P
   PNP SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE INDUSTRIAL USE
logo
Samsung semiconductor
KSD560 SAMSUNG-KSD560 Datasheet
235Kb / 6P
   NPN (LOW FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING INDUSTRIAL USE)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com