Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFC1E272 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUFC1E272
Description  Aluminum Electrolytic Capacitors/FC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1E272 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUFC1E272 Datasheet HTML 1Page - Panasonic Semiconductor EEUFC1E272 Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1E272 Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1E272 Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1E272 Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1E272 Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1E272 Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1E272 Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1E272 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Aluminum Electrolytic Capacitors/FC
 EE60 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
i
1; Apply to 1µF
i
2; Apply to 2.2, 3.3, 4.7, 10L, 12, 18, and 22µF
i
3
Case size
φ D×L (mm)
Capacitance
(µF)
Impedance
Ω/100kHz
20
°C
-10
°C
Ripple Current
mA r.m.s
/100 kHz
5
×11
1.0
2.2
3.3
4.7
10L
12
15
18
22
2.40
1.80
1.30
1.30
1.30
1.30
1.30
1.30
1.30
4.80
3.60
2.60
2.60
2.60
2.60
2.60
2.60
2.60
20
45
65
95
125
135
145
155
155
n
Case size/ Impedance/ Ripple Current
W.V(V.DC)
6.3 V to 35V
50V
63V
100V
Impedance
Ω/100kHz
Ripple
Current
mA r.m.s
/100 kHz
20
°C -10°C
20
°C -10°C
Case size
(
φD×L)
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
4
5
6.3
4
5
5
6.3
6.3
8
8
8
10
10
10
10
10
12.5
12.5
12.5
12.5
12.5
12.5
16
16
16
16
16
16
18
18
18
18
18
18
7
7
7
11
11
15
11.2
15
11.5
15
20
12.5
16
20
25
30
15
20
25
30
35
40
15
20
25
31.5
35.5
40
15
20
25
31.5
35.5
40
2.00
0.95
0.45
1.30
0.80
0.50
0.35
0.25
0.117
0.085
0.065
0.090
0.068
0.052
0.045
0.035
0.065
0.038
0.030
0.025
0.022
0.018
0.043
0.029
0.022
0.018
0.016
0.015
0.038
0.028
0.020
0.016
0.015
0.014
5.00
2.40
1.20
2.60
1.60
1.00
0.700
0.500
0.234
0.170
0.130
0.180
0.136
0.104
0.090
0.070
0.130
0.076
0.060
0.050
0.044
0.036
0.086
0.058
0.044
0.036
0.032
0.030
0.076
0.056
0.040
0.032
0.030
0.028
65
120
200
120
175
235
290
400
555
730
995
755
1050
1220
1440
1815
1205
1655
1945
2310
2510
2655
1690
2205
2555
3010
3150
3360
2000
2490
2740
3635
3680
3735
2.50
2.4 i1
i
2,i3
0.90
0.60
0.40
0.234
0.155
0.120
0.162
0.119
0.090
0.082
0.060
0.110
0.063
0.050
0.040
0.034
0.030
0.080
0.048
0.034
0.028
0.025
0.023
0.068
0.042
0.029
0.025
0.023
-
5.00
4.8 i1
i
2,i3
1.80
1.20
0.80
0.468
0.310
0.240
0.324
0.238
0.180
0.164
0.120
0.220
0.126
0.100
0.080
0.068
0.060
0.160
0.096
0.068
0.056
0.050
0.046
0.136
0.084
0.058
0.050
0.046
-
90
i
3
i
3
215
260
360
485
635
860
615
850
1030
1200
1610
1150
1480
1832
2215
2285
2590
1610
1835
2235
2700
2790
2845
1900
2420
2610
3000
3100
-
3.50
2.00
1.30
1.00
0.70
0.342
0.230
0.178
0.256
0.194
0.147
0.130
0.090
0.150
0.085
0.070
0.055
0.047
0.042
0.090
0.059
0.050
0.043
0.036
0.030
0.086
0.055
0.043
0.032
0.030
0.025
7.00
4.00
2.60
2.00
1.40
0.684
0.460
0.356
0.512
0.388
0.294
0.260
0.180
0.300
0.170
0.140
0.110
0.094
0.084
0.180
0.118
0.100
0.080
0.072
0.060
0.172
0.110
0.086
0.064
0.060
0.050
80
145
200
240
330
405
535
690
535
600
885
1050
1300
1020
1285
1720
2090
2265
2560
1410
1765
2160
2670
2770
2825
1690
2290
2585
2950
3095
3205
20
°C -10°C
20
°C -10°C
8.20
5.60
3.60
2.20
1.360
0.900
0.660
1.060
0.720
0.480
0.420
0.300
0.460
0.360
0.220
0.196
0.174
0.144
0.280
0.220
0.178
0.124
0.106
0.094
0.240
0.160
0.140
0.124
0.082
0.072
80
90
114
155
260
340
455
306
400
463
599
698
511
671
807
937
1040
1130
793
995
1170
1520
1730
1920
917
1230
1420
1600
1770
2300
Impedance
Ω/100kHz
Impedance
Ω/100kHz
Impedance
Ω/100kHz
Ripple
Current
mA r.m.s
/100 kHz
Ripple
Current
mA r.m.s
/100 kHz
Ripple
Current
mA r.m.s
/100 kHz
4.10
2.80
1.80
1.10
0.680
0.450
0.330
0.530
0.360
0.240
0.210
0.150
0.230
0.180
0.110
0.098
0.087
0.072
0.140
0.110
0.089
0.062
0.053
0.047
0.120
0.080
0.070
0.062
0.041
0.036
Mar. 2005


Similar Part No. - EEUFC1E272

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC1E272 PANASONIC-EEUFC1E272 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC1E272 PANASONIC-EEUFC1E272 Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1E272 PANASONIC-EEUFC1E272 Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1E272 PANASONIC-EEUFC1E272 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1E272 PANASONIC-EEUFC1E272 Datasheet
150Kb / 10P
   Radial Lead Type
More results

Similar Description - EEUFC1E272

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FC0J682 PANASONIC-EEU-FC0J682 Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J680 PANASONIC-EEUFC0J680 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC2A330 PANASONIC-EEU-FC2A330 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V681 PANASONIC-EEU-FC1V681 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1A272S PANASONIC-EEUFC1A272S Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1C222 PANASONIC-EEU-FC1C222 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEAFC0J270 PANASONIC-EEAFC0J270 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC0J272L PANASONIC-EEUFC0J272L Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1V331P PANASONIC-EEE-FC1V331P Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1H101P PANASONIC-EEE-FC1H101P Datasheet
129Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V271 PANASONIC-EEU-FC1V271 Datasheet
216Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com