Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DV641622AT-5 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY5DV641622AT-5
Description  64M(4Mx16) DDR SDRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DV641622AT-5 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY5DV641622AT-5 Datasheet HTML 1Page - Hynix Semiconductor HY5DV641622AT-5 Datasheet HTML 2Page - Hynix Semiconductor HY5DV641622AT-5 Datasheet HTML 3Page - Hynix Semiconductor HY5DV641622AT-5 Datasheet HTML 4Page - Hynix Semiconductor HY5DV641622AT-5 Datasheet HTML 5Page - Hynix Semiconductor HY5DV641622AT-5 Datasheet HTML 6Page - Hynix Semiconductor HY5DV641622AT-5 Datasheet HTML 7Page - Hynix Semiconductor HY5DV641622AT-5 Datasheet HTML 8Page - Hynix Semiconductor HY5DV641622AT-5 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Rev. 0.7/May. 02
4
HY5DV641622AT
PIN CONFIGURATION
ROW and COLUMN ADDRESS TABLE
Items
4Mx16
Organization
1M x 16 x 4banks
Row Address
A0 ~ A11
Column Address
A0 ~ A7
Bank Address
BA0, BA1
Auto Precharge Flag
A10
Refresh
4K
400mil X 875mil
66 Pin TSOP-II
0.65mm Pin Pitch
TOP VIEW
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDDQ
LDQS
NC
VDD
NC
LDM
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
NC
VREF
VSS
UDM
/CLK
CLK
CKE
NC
NC
A11
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34


Similar Part No. - HY5DV641622AT-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DV281622DT HYNIX-HY5DV281622DT Datasheet
291Kb / 31P
   128M(8Mx16) GDDR SDRAM
HY5DV281622DT-33 HYNIX-HY5DV281622DT-33 Datasheet
291Kb / 31P
   128M(8Mx16) GDDR SDRAM
HY5DV281622DT-36 HYNIX-HY5DV281622DT-36 Datasheet
291Kb / 31P
   128M(8Mx16) GDDR SDRAM
HY5DV281622DT-4 HYNIX-HY5DV281622DT-4 Datasheet
291Kb / 31P
   128M(8Mx16) GDDR SDRAM
HY5DV281622DT-5 HYNIX-HY5DV281622DT-5 Datasheet
291Kb / 31P
   128M(8Mx16) GDDR SDRAM
More results

Similar Description - HY5DV641622AT-5

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMS6416LAX-15EX FIDELIX-CMS6416LAX-15EX Datasheet
1Mb / 46P
   64M(4Mx16) Low Power SDRAM
CMS6416LAX-75XX FIDELIX-CMS6416LAX-75XX Datasheet
1Mb / 46P
   64M(4Mx16) Low Power SDRAM
logo
Etron Technology, Inc.
EM6AB080TSB-4G ETRON-EM6AB080TSB-4G Datasheet
563Kb / 62P
   64M x 8 bit DDR Synchronous DRAM (SDRAM
logo
Samsung semiconductor
K3S7V2000M-TC SAMSUNG-K3S7V2000M-TC Datasheet
1Mb / 27P
   64M-Bit (4Mx16 /2Mx32) Synchronous MASKROM
logo
Elpida Memory
EDD2504AKTA-E ELPIDA-EDD2504AKTA-E Datasheet
555Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD2504AKTA ELPIDA-EDD2504AKTA Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
logo
Samsung semiconductor
KM23C64000T SAMSUNG-KM23C64000T Datasheet
71Kb / 4P
   64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
logo
Elpida Memory
EDS6416AJTA ELPIDA-EDS6416AJTA Datasheet
629Kb / 49P
   64M bits SDRAM
EDS6416GHTA ELPIDA-EDS6416GHTA Datasheet
629Kb / 49P
   64M bits SDRAM
logo
Samsung semiconductor
K3P7V1000 SAMSUNG-K3P7V1000 Datasheet
62Kb / 4P
   64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com