Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29F040AR-12 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY29F040AR-12
Description  512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F040AR-12 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY29F040AR-12 Datasheet HTML 6Page - Hynix Semiconductor HY29F040AR-12 Datasheet HTML 7Page - Hynix Semiconductor HY29F040AR-12 Datasheet HTML 8Page - Hynix Semiconductor HY29F040AR-12 Datasheet HTML 9Page - Hynix Semiconductor HY29F040AR-12 Datasheet HTML 10Page - Hynix Semiconductor HY29F040AR-12 Datasheet HTML 11Page - Hynix Semiconductor HY29F040AR-12 Datasheet HTML 12Page - Hynix Semiconductor HY29F040AR-12 Datasheet HTML 13Page - Hynix Semiconductor HY29F040AR-12 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
HY29F040A
During Sector Erase operation, data bit DQ7 shows
a logical “0”. This operation is known as
/Data Polling. Sector Erase operation is complete
when data on DQ7 is a logical “1” (see Write Opera-
tion Status section) at which time the
device returns to read mode. At this time, the
address pins are no longer latched. Note that
/Data Polling must be performed at a sector
address within any of the sectors being erased and
not a protected sector to ensure that DQ7 returns
a logical “1” upon completion of the Sector Erase
operation.
Figure 2 illustrates the Sector Erase Algorithm us-
ing typical command strings and bus operations.
During execution of the Sector Erase command, only
the Erase Suspend and Erase Resume com-
mands are allowed. All other commands will reset
the device to read mode. Note:
Do not attempt to
write an invalid command sequence during the
sector erase operation. Doing so will terminate the
sector erase operation and the device will reset to
the read mode.
Erase Suspend/Erase Resume
Commands
The Erase Suspend command allows the user to
interrupt a Sector Erase operation and read data
from or program to a sector that is not being erased.
The Erase Suspend command onthe HY29F040 also
allows for Byte Programming during the suspended
erase from a sector not being erased. The Erase
Suspend command is applicable only during Sector
Erase operation and will be ignored if written during
the Chip Erase operation or Byte Programming op-
eration. The Erase Suspend command (B0H) will
be allowed only during the Sector Erase opera-
tion, including, but not limited to, the sector erase
time-out period after any Sector Erase commands
(30H) have been initiated.
Writing the Erase Suspend command during the
time-out will result in immediate termination of the
time-out period. Any subsequent writes of the Sec-
tor Erase command will be taken as the Erase
Resume command (30H). Note that any other com-
mands during the time-out will reset the
device to the read mode. The address pins are
don’t-cares when writing the Erase Suspend or
Erase Resume commands.
When the Erase Suspend command is written dur-
ing a Sector Erase operation, the chip will take a
maximum of 15 ms to suspend the erase opera-
tion and go into erase suspended-read mode.
During this time, the system can monitor the /Data
Polling or Toggle Bit write operation status flags to
determine when the device has entered erase sus-
pend-read mode (see Write Operation Status sec-
tion). The system must use an address of an eras-
ing sector to monitor /Data Polling or Toggle Bit to
determine if the Sector Erase operation has been
suspended.
In the erase suspend-read mode, the system can
read data from any sector that is not being erased.
A read from a sector being erased may result in
invalid data.
After the system writes the Erase Suspend com-
mand and waits until the Toggle Bit stops toggling,
data reads from the device may then be performed.
Any further writes of the Erase Suspend command
at this time will be ignored.
To resume operation of Sector Erase, the Erase
Resume command (30H) should be written. Any
further writes of the Erase Resume command at
this point will be ignored. Another Erase Suspend
command can be written after the chip has re-
sumed the Sector Erase operation.


Similar Part No. - HY29F040AR-12

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-45 HYNIX-HY29F002TC-45 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-55 HYNIX-HY29F002TC-55 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-70 HYNIX-HY29F002TC-70 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-90 HYNIX-HY29F002TC-90 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
More results

Similar Description - HY29F040AR-12

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040 AMICC-A29040 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Alliance Semiconductor ...
AS29CF040-55CCIN ALSC-AS29CF040-55CCIN Datasheet
713Kb / 27P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector - Parallel Flash Memory
logo
Advanced Micro Devices
AM29F016 AMD-AM29F016 Datasheet
219Kb / 36P
   16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com