Electronic Components Datasheet Search |
|
HY57V161610DTC-8 Datasheet(PDF) 4 Page - Hynix Semiconductor |
|
HY57V161610DTC-8 Datasheet(HTML) 4 Page - Hynix Semiconductor |
4 / 13 page HY57V161610D Rev. 4.0/Aug. 02 4 ABSOLUTE MAXIMUM RATINGS Note : Operation at above absolute maximum rating can adversely affect device reliability. DC OPERATING CONDITION (TA=0°C to 70°C) Note : 1.All voltages are referenced to VSS = 0V. 2.VDD(min) is 3.15V when HY57V161610DTC-7 operates at CAS latency=2 3.VDD(min) of HY57V161610DTC-5/55 is 3.15V 4.VIH(max) is acceptable 4.6V AC pulse width with ≤ 10ns of duration. 5.VIL(min) is acceptable -1.5V AC pulse width with ≤ 10ns of duration. AC OPERATING CONDITION (TA=0°C to 70°C, VDD=3.0V to 3.6V, VSS=0V) Note : 1. Output load to measure access times is equivalent to two TTL gates and one capacitance(30pF). For details, refer to AC/DC output load circuit. 2. VDD(min) is 3.15V when HY57V161610DTC-7 operates at CAS latency=2 and tCK2=8.9ns 3. VDD(min) of HY57V161610DTC-5/55 is 3.15V‘ Parameter Symbol Rating Unit Ambient Temperature TA 0 ~ 70 °C Storage Temperature TSTG -55 ~ 125 °C Voltage on Any Pin relative to VSS VIN, VOUT -1.0 ~ 4.6 V Voltage on VDD relative to VSS VDD -1.0 ~ 4.6 V Short Circuit Output Current IOS 50 mA Power Dissipation PD 1W Soldering Temperature·Time TSOLDER 260·10 °C ·Sec Parameter Symbol Min Typ. Max Unit Note Power Supply Voltage VDD, VDDQ 3.0 3.3 3.6 V 1, 2, 3 Input high voltage VIH 2.0 3.0 VDD + 0.3 V 1, 4 Input low voltage VIL -0.5 0 0.8 V 1, 5 Parameter Symbol Value Unit Note AC input high / low level voltage VIH / VIL 2.4/0.4 V Input timing measurement reference level voltage Vtrip 1.4 V Input rise / fall time tR / tF 1 ns Output timing measurement reference level Voutref 1.4 V Output load capacitance for access time measurement CL 30 pF 1 |
Similar Part No. - HY57V161610DTC-8 |
|
Similar Description - HY57V161610DTC-8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |