Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY57V161610DTC-6 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HY57V161610DTC-6
Description  2 Banks x 512K x 16 Bit Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V161610DTC-6 Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY57V161610DTC-6 Datasheet HTML 1Page - Hynix Semiconductor HY57V161610DTC-6 Datasheet HTML 2Page - Hynix Semiconductor HY57V161610DTC-6 Datasheet HTML 3Page - Hynix Semiconductor HY57V161610DTC-6 Datasheet HTML 4Page - Hynix Semiconductor HY57V161610DTC-6 Datasheet HTML 5Page - Hynix Semiconductor HY57V161610DTC-6 Datasheet HTML 6Page - Hynix Semiconductor HY57V161610DTC-6 Datasheet HTML 7Page - Hynix Semiconductor HY57V161610DTC-6 Datasheet HTML 8Page - Hynix Semiconductor HY57V161610DTC-6 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HY57V161610D
Rev. 4.0/Aug. 02
5
CAPACITANCE (TA=25°C, f=1MHz)
OUTPUT LOAD CIRCUIT
DC CHARACTERISTICS I (TA=0°C to 70°C)
Note :
1.VDD(min) is 3.15V when HY57V161610DTC-7 operates at CAS latency=2 and tCK2=8.9ns.
2.VDD(min) of HY57V161610DTC-5/55 is 3.15V
3.VIN = 0 to 3.6V, All other pins are not under test = 0V
4.DOUT is disabled, VOUT=0 to 3.6V
Parameter
Pin
Symbol
Min
Max
Unit
Input capacitance
CLK
CI1
2.5
4
pF
A0 ~ A10, BA
CKE, CS, RAS, CAS, WE, UDQM, LDQM
CI2
2.5
5
pF
Data input / output capacitance
DQ0 ~ DQ15
CI/O
46.5
pF
Parameter
Symbol
Min.
Max
Unit
Note
Power Supply Voltage
VDD
3.0
3.6
V
1, 2
Input leakage current
IL
-1
1
uA
3
Output leakage current
IO
-1
1
uA
4
Output high voltage
VOH
2.4
-
V
IOH = -4mA
Output low voltage
VOL
-0.4
V
IOL =+4mA
Vtt=1.4V
RT=250
30pF
Output
DC Output Load Circuit
30pF
Output
AC Output Load Circuit


Similar Part No. - HY57V161610DTC-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610DTC-6I HYNIX-HY57V161610DTC-6I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results

Similar Description - HY57V161610DTC-6

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
1Mb / 46P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
A-Data Technology
VDS4616A4A A-DATA-VDS4616A4A Datasheet
542Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
Hynix Semiconductor
HY57V161610ET-I HYNIX-HY57V161610ET-I Datasheet
482Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610D-I HYNIX-HY57V161610D-I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ETP-I HYNIX-HY57V161610ETP-I Datasheet
215Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com