Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29F040AT-90 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HY29F040AT-90
Description  512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F040AT-90 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HY29F040AT-90 Datasheet HTML 3Page - Hynix Semiconductor HY29F040AT-90 Datasheet HTML 4Page - Hynix Semiconductor HY29F040AT-90 Datasheet HTML 5Page - Hynix Semiconductor HY29F040AT-90 Datasheet HTML 6Page - Hynix Semiconductor HY29F040AT-90 Datasheet HTML 7Page - Hynix Semiconductor HY29F040AT-90 Datasheet HTML 8Page - Hynix Semiconductor HY29F040AT-90 Datasheet HTML 9Page - Hynix Semiconductor HY29F040AT-90 Datasheet HTML 10Page - Hynix Semiconductor HY29F040AT-90 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
HY29F040A
COMMAND DEFINITIONS
Device operations are selected by writing
specific address and data sequences into the
Command register. Writing incorrect addresses
and data values or writing them in the improper
Table 4. Command Definitions(1,2,3,4)
Bus
First Bus
Second Bus
Third Bus
Fourth Bus
Fifth Bus
Sixth Bus
Command
Write
Write Cycle
Write Cycle
Write Cycle
Write Cycle
Write Cycle
Write Cycle
Sequence
Cycles
Req'd
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read/Reset
1
XXXH
F0H
RA
RD
Read/Reset
4
5555H
AAH
2AAAH
55H
5555H
F0H
RA
RD
Electronic ID
4
5555H
AAH
2AAAH
55H
5555H
90H
XX00H
ADH
XX01H
A4H
Byte Program
4
5555H
AAH
2AAAH
55H
5555H
A0H
PA
PD
Chip Erase
6
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Sector Erase
6
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
SA
30H
Erase Suspend
1
XXXH
B0H
Erase Resume
1
XXXH
30H
Notes:
1.
Bus Operations are defined in Table 1.
2.
For a Command Sequence, address bits A15, A14, A13, A12, and A11 = X = Don’t care. Address bits A18, A17, A16,
and A15 = X = Don’t care for all address commands except for Program Address(PA) and Sector Address(SA).
In the case of Sector Address, address bit A15 = X = Don’t care for all addresses except for Program Address (PA)
and Sector Addresses (SA).
3.
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of the /WE pulse.
PD = Data to be programmed at location PA. Data is latched on the falling edge of /WE.
SA = Address of the sector to be erased (see Table 3).
4.
The Erase Suspend (B0H) and Erase Resume (30H) commands are valid only while the Sector Erase opera
tion
is in progress.
sequence will reset the device to Read mode.
Table 4 defines the valid register command
sequences. Either Read/Reset command will
reset the device (when applicable).


Similar Part No. - HY29F040AT-90

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-45 HYNIX-HY29F002TC-45 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-55 HYNIX-HY29F002TC-55 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-70 HYNIX-HY29F002TC-70 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-90 HYNIX-HY29F002TC-90 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
More results

Similar Description - HY29F040AT-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040 AMICC-A29040 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Alliance Semiconductor ...
AS29CF040-55CCIN ALSC-AS29CF040-55CCIN Datasheet
713Kb / 27P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector - Parallel Flash Memory
logo
Advanced Micro Devices
AM29F016 AMD-AM29F016 Datasheet
219Kb / 36P
   16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com