Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY51V18163HGT-7 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY51V18163HGT-7
Description  1M x 16Bit EDO DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY51V18163HGT-7 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY51V18163HGT-7 Datasheet HTML 4Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 5Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 6Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 7Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 8Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 9Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 10Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 11Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 12Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HY51V(S)18163HG/HGL
Rev.0.1/Apr.01
8
Write Cycle
Read-Modify-Write Cycle
Refresh cycle
Parameter
Symbol
-50
-60
-70
Unit
Note
Min
Max
Min
Max
Min
Max
Write command set-up time
tWCS
0
-
0
-
0
-
ns
14,21
Write command hold time
tWCH
8
-
10
-
13
-
ns
21
Write command pulse width
tWP
8
-
10
-
10
-
ns
Write command to /RAS lead time
tRWL
8
-
10
-
13
-
ns
Write command to /CAS lead time
tCWL
8
-
10
-
13
-
ns
23
Data-in set-up time
tDS
0
-
0
-
0
-
ns
15,23
Data-in hold time
tDH
8
-
10
-
13
-
ns
15,23
Parameter
Symbol
-50
-60
-70
Unit
Note
Min
Max
Min
Max
Min
Max
Read-modify-write cycle time
tRWC
111
-
136
-
161
-
ns
/RAS to /WE delay time
tRWD
67
-
79
-
92
-
ns
14
/CAS to /WE delay time
tCWD
30
-
34
-
40
-
ns
14
Column address to /WE delay time
tAWD
42
-
49
-
57
-
ns
14
/OE hold time from /WE
tOEH
13
-
15
-
18
-
ns
Parameter
Symbol
-50
-60
-70
Unit
Note
Min
Max
Min
Max
Min
Max
/CAS set-up time
( /CAS-before-/RAS Refresh Cycle)
tCSR
5
-
5
-
5
-
ns
21
/CAS hold time
( /CAS-before-/RAS Refresh Cycle)
tCHR
8
-
10
-
10
-
ns
22
/RAS precharge to /CAS hold time
( /CAS-before-/RAS Refresh Cycle)
tRPC
5
-
5
-
5
-
ns
21


Similar Part No. - HY51V18163HGT-7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51V65163HG HYNIX-HY51V65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGJ-45 HYNIX-HY51V65163HGJ-45 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGJ-5 HYNIX-HY51V65163HGJ-5 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGJ-6 HYNIX-HY51V65163HGJ-6 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGT-45 HYNIX-HY51V65163HGT-45 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
More results

Similar Description - HY51V18163HGT-7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_1 Datasheet
786Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52D32162A ESMT-M52D32162A Datasheet
767Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A_09 Datasheet
761Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A_0712 ESMT-M12L32162A_0712 Datasheet
693Kb / 28P
   1M x 16Bit x 2Banks Synchronous DRAM
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
logo
Samsung semiconductor
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com