Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1437H Datasheet(PDF) 4 Page - NEC

Part # UPA1437H
Description  PNP SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1437H Datasheet(HTML) 4 Page - NEC

  UPA1437H Datasheet HTML 1Page - NEC UPA1437H Datasheet HTML 2Page - NEC UPA1437H Datasheet HTML 3Page - NEC UPA1437H Datasheet HTML 4Page - NEC UPA1437H Datasheet HTML 5Page - NEC UPA1437H Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
µPA1437
4
COLLECTOR CURRENT vs. COLLECTOR TO
EMITTER VOLTAGE
TRANSIENT THERMAL RESISTANCE
0.1
100
PW - Pulse Width - ms
0
–5.0
VCE - Collector to Emitter Voltage - V
VCE
≤ 10 V
10
1
0.1
1
10
100
–1.0
–2.0
–3.0
–4.0
–5.0
–4.0
–3.0
–2.0
–1.0
–500
–450
–400
–350
–300
–200
–150
–100
IB = –50
A
µ
–250


Similar Part No. - UPA1437H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1437H RENESAS-UPA1437H Datasheet
211Kb / 8P
   SILICON TRANSISTOR ARRAY
1994
More results

Similar Description - UPA1437H

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1478 NEC-UPA1478 Datasheet
59Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1476 NEC-UPA1476 Datasheet
62Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1458 NEC-UPA1458 Datasheet
51Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1456 NEC-UPA1456 Datasheet
55Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1436A NEC-UPA1436A Datasheet
60Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1428A NEC-UPA1428A Datasheet
54Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1453 NEC-UPA1453 Datasheet
54Kb / 6P
   PNP SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE INDUSTRIAL USE
UPA1454 NEC-UPA1454 Datasheet
50Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE
UPA1434 NEC-UPA1434 Datasheet
54Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE
logo
List of Unclassifed Man...
2SD1671 ETC2-2SD1671 Datasheet
36Kb / 1P
   NPN Silicon Epitaxial Darlington Transistor Low Speed High Current Switching Industrial Use
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com