Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY57V641620HGT-5 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY57V641620HGT-5
Description  4 Banks x 1M x 16Bit Synchronous DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V641620HGT-5 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY57V641620HGT-5 Datasheet HTML 4Page - Hynix Semiconductor HY57V641620HGT-5 Datasheet HTML 5Page - Hynix Semiconductor HY57V641620HGT-5 Datasheet HTML 6Page - Hynix Semiconductor HY57V641620HGT-5 Datasheet HTML 7Page - Hynix Semiconductor HY57V641620HGT-5 Datasheet HTML 8Page - Hynix Semiconductor HY57V641620HGT-5 Datasheet HTML 9Page - Hynix Semiconductor HY57V641620HGT-5 Datasheet HTML 10Page - Hynix Semiconductor HY57V641620HGT-5 Datasheet HTML 11Page - Hynix Semiconductor HY57V641620HGT-5 Datasheet HTML 12Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HY57V641620HG
Rev. 0.5/Jun.01
9
DEV ICE OPERAT ING OPT ION TABLE
HY57V641620HG (L)T-5
HY57V641620HG (L)T-55
HY57V641620HG (L)T-6
HY57V641620HG (L)T-7
HY57V641620HG (L)T-K
HY57V641620HG (L)T-H
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
200MHz(5ns)
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.4ns
2.5ns
183MHz(5.5ns)
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.4ns
2.5ns
166MHz(6ns)
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.4ns
2.7ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
183MHz(5.5ns)
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.4ns
2.5ns
166MHz(6ns)
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.4ns
2.7ns
143MHz(7ns)
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.4ns
2.7ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
166MHz(6ns)
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.4ns
2.7ns
143MHz(7ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
5.4ns
2.7ns
133MHz(7.5ns)
2CLKs
3CLKs
6CLKs
9CLKs
3CLKs
5.4ns
2.7ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
143MHz(7ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
5.4ns
2.7ns
133MHz(7.5ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
5.4ns
2.7ns
100MHz(10ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
3ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
133MHz(7.5ns)
2CLKs
2CLKs
6CLKs
8CLKs
2CLKs
5.4ns
2.7ns
125MHz(8ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
6ns
3ns
100MHz(10ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
3ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
133MHz(7.5ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
5.4ns
2.7ns
125MHz(8ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
6ns
3ns
100MHz(10ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
3ns


Similar Part No. - HY57V641620HGT-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V641620HGT-55I HYNIX-HY57V641620HGT-55I Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HGT-5I HYNIX-HY57V641620HGT-5I Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
More results

Similar Description - HY57V641620HGT-5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V651620B HYNIX-HY57V651620B Datasheet
81Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HG-I HYNIX-HY57V641620HG-I Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S641632C SAMSUNG-K4S641632C Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V66GF HYNIX-HY5V66GF Datasheet
208Kb / 11P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
List of Unclassifed Man...
TBS6416B4E ETC2-TBS6416B4E Datasheet
225Kb / 8P
   1M x 16Bit x 4 Banks synchronous DRAM
logo
Samsung semiconductor
K4S641632F SAMSUNG-K4S641632F Datasheet
133Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4D64163HF SAMSUNG-K4D64163HF Datasheet
162Kb / 16P
   1M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com