Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY57V641620HG Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # HY57V641620HG
Description  4 Banks x 1M x 16Bit Synchronous DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V641620HG Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button HY57V641620HG Datasheet HTML 4Page - Hynix Semiconductor HY57V641620HG Datasheet HTML 5Page - Hynix Semiconductor HY57V641620HG Datasheet HTML 6Page - Hynix Semiconductor HY57V641620HG Datasheet HTML 7Page - Hynix Semiconductor HY57V641620HG Datasheet HTML 8Page - Hynix Semiconductor HY57V641620HG Datasheet HTML 9Page - Hynix Semiconductor HY57V641620HG Datasheet HTML 10Page - Hynix Semiconductor HY57V641620HG Datasheet HTML 11Page - Hynix Semiconductor HY57V641620HG Datasheet HTML 12Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
HY57V641620HG
Rev. 0.5/Jun.01
12
PACKAGE INFORMAT ION
400 m il 54pin Thin S m all Ou tline Package
11.938(0.4700)
11.735(0.4620)
10.262(0.4040)
10.058(0.3960)
22.327(0.8790)
22.149(0.8720)
5deg
0deg
0.597(0.0235)
0.406(0.0160)
0.210(0.0083)
0.120(0.0047)
1.194(0.0470)
0.991(0.0390)
0.80(0.0315)BSC
0.400(0.016)
0.300(0.012)
UNIT : mm(inch)
0.150(0.0059)
0.050(0.0020)


Similar Part No. - HY57V641620HG

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V641620HG-I HYNIX-HY57V641620HG-I Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HGLT-5I HYNIX-HY57V641620HGLT-5I Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HGLT-8I HYNIX-HY57V641620HGLT-8I Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HGLT-HI HYNIX-HY57V641620HGLT-HI Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HGLT-KI HYNIX-HY57V641620HGLT-KI Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
More results

Similar Description - HY57V641620HG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V651620B HYNIX-HY57V651620B Datasheet
81Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HG-I HYNIX-HY57V641620HG-I Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S641632C SAMSUNG-K4S641632C Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V66GF HYNIX-HY5V66GF Datasheet
208Kb / 11P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
List of Unclassifed Man...
TBS6416B4E ETC2-TBS6416B4E Datasheet
225Kb / 8P
   1M x 16Bit x 4 Banks synchronous DRAM
logo
Samsung semiconductor
K4S641632F SAMSUNG-K4S641632F Datasheet
133Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4D64163HF SAMSUNG-K4D64163HF Datasheet
162Kb / 16P
   1M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com