Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY51V65163HGJ-5 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY51V65163HGJ-5
Description  4M x 16Bit EDO DRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY51V65163HGJ-5 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY51V65163HGJ-5 Datasheet HTML 3Page - Hynix Semiconductor HY51V65163HGJ-5 Datasheet HTML 4Page - Hynix Semiconductor HY51V65163HGJ-5 Datasheet HTML 5Page - Hynix Semiconductor HY51V65163HGJ-5 Datasheet HTML 6Page - Hynix Semiconductor HY51V65163HGJ-5 Datasheet HTML 7Page - Hynix Semiconductor HY51V65163HGJ-5 Datasheet HTML 8Page - Hynix Semiconductor HY51V65163HGJ-5 Datasheet HTML 9Page - Hynix Semiconductor HY51V65163HGJ-5 Datasheet HTML 10Page - Hynix Semiconductor HY51V65163HGJ-5 Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HY51V(S)65163HG/HGL
Rev 0.1 / Apr. 01
Notes :
1. AC measurements assume tT = 2ns
2. AC initial pause of 200us is required after power up followed by a minimum of eight initialization cycles
( any combination of cycles containing /RAS-only refresh or /CAS-before-/RAS refresh)
3. Operation with the tRCD(max) limit insures that tRAC(max) can be met, tRCD(max) is specified as a
reference point only : if tRCD is greater than the specified tRCD(max) limit, then access time is
controlled exclusively by tCAC.
4. Operation with the tRAD(max) limit insures that tRAC(max) can be met, tRAD(max) is specified as a
reference point only : if tRAD is greater than the specified tRAD(max) limit, then access time is
controlled exclusively by tAA.
5. Either tODD or tCDD must be satisfied.
6. Either tDZO or tDZC must be satisfied.
7. VIH(min) and VIL(max) are reference levels for measuring timing of input signals, also transition times
are measured between VIH(min) and VIL(max)
8. Assumes that tRCD<=tRCD(max) and tRAD<=tRAD(max). If tRCD or tRAD is greater than the maximum
recommended value shown in this table, tRAC exceeds the value shown
9. Measured with a load circuit equivalent to 1 TTL loads and 100pF.
10. Assumes that tRCD>=tRCD(max) and tRCD + tCAC(max) >= tRAD + tAA(max)
11. Assumes that tRAD>=tRAD(max) and tRCD + tCAC(max) <= tRAD + tAA(max)
12. Either tRCH of tRRH must be satified for a read cycles
13. tOFF(max), tOEZ(max), tOFR(max) and tWEZ(max) define the time at which the outputs achieve the
open circuit condition and is not referenced to output voltage levels
14 tWCS, tRWD, tCWD, tAWD and tCPW are not restrictive operating parameters. They are included in
the data sheet as electrical characteristics only : If tWCS >=tWCS(min), the cycle is an early write
cycle and the data out pin will remain open circuit(high impedance) throughout the entire cycle :
If tRWD>=tRWD(min), tCWD>=tCWD(min), tAWD>=tAWD(min), the cycle is a read-modify-write and
the data output will contain data read from the selected cell : if neither of the above sets of conditions
is satified, the condition of the data out (at access time) is indeterminate.
15. tDS and tDH are refered to /UCAS and /LCAS leading edge in early write cycles and to /WE leading
edge in delayed write or read-modify-write cycles
16. tRASP defineds /RAS pulse width in extended data out mode cycles
17. Access time is determined by the longest among tAA, tCAC and tACP
18 In delaying write or read-modify-write cycles, /OE must disable output buffer prior to applying data to
the device.


Similar Part No. - HY51V65163HGJ-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51V18163HGJ HYNIX-HY51V18163HGJ Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51V18163HGJ-5 HYNIX-HY51V18163HGJ-5 Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51V18163HGJ-6 HYNIX-HY51V18163HGJ-6 Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51V18163HGJ-7 HYNIX-HY51V18163HGJ-7 Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51V18163HGT HYNIX-HY51V18163HGT Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
More results

Similar Description - HY51V65163HGJ-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51VS17403HG HYNIX-HY51VS17403HG Datasheet
96Kb / 11P
   4M x 4Bit EDO DRAM
HY57V561620 HYNIX-HY57V561620 Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Siemens Semiconductor G...
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
logo
Hynix Semiconductor
HY57V561620C HYNIX-HY57V561620C Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Siemens Semiconductor G...
HYM324025S SIEMENS-HYM324025S Datasheet
52Kb / 10P
   4M x 32-Bit EDO-DRAM Module
HYM364035S SIEMENS-HYM364035S Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
HYM72V4005GS-50- SIEMENS-HYM72V4005GS-50- Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com