Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY51V65163HG Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY51V65163HG
Description  4M x 16Bit EDO DRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY51V65163HG Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY51V65163HG Datasheet HTML 3Page - Hynix Semiconductor HY51V65163HG Datasheet HTML 4Page - Hynix Semiconductor HY51V65163HG Datasheet HTML 5Page - Hynix Semiconductor HY51V65163HG Datasheet HTML 6Page - Hynix Semiconductor HY51V65163HG Datasheet HTML 7Page - Hynix Semiconductor HY51V65163HG Datasheet HTML 8Page - Hynix Semiconductor HY51V65163HG Datasheet HTML 9Page - Hynix Semiconductor HY51V65163HG Datasheet HTML 10Page - Hynix Semiconductor HY51V65163HG Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HY51V(S)65163HG/HGL
Rev 0.1 / Apr. 01
Extended Data Out Mode Cycles
EDO Page Mode Read-Modify-Write Cycle
Self Refresh Cycle (L-Version)
Parameter
Symbol
-45
-50
-60
Unit
Note
Min
Max
Min
Max
Min
Max
EDO page mode cyle time
tHPC
17
-
20
-
25
-
ns
25
Write pulse width during /CAS precharge
tWPE
7
-
8
-
10
-
ns
EDO mode /RAS pulse width
tRASP
-
100K
-
100K
-
100K
ns
16
Access time from /CAS precharge
tACP
-
28
-
28
-
35
ns
9,17,22
/RAS hold time from /CAS precharge
tRHCP
26
-
28
-
35
-
ns
/CAS hold time referred /OE
tCOL
7
-
8
-
10
-
ns
/CAS to /OE set-up time
tCOP
5
-
5
-
5
-
ns
Read command hold time
from /CAS precharge
tRCHP
26
-
28
-
35
-
ns
Output data hold time from /CAS low
tDOH
3
-
3
-
3
-
ns
9,27
/OE precharge time
tOEP
7
-
8
-
10
-
ns
Parameter
Symbol
-45
-50
-60
Unit
Note
Min
Max
Min
Max
Min
Max
EDO read-modify-write cycle time
tHPRWC
57
-
57
-
68
-
ns
EDO page mode read-modify-write cycle
/CAS precharge to /WE delay time
tCPW
45
-
45
-
54
-
ns
14,22
Parameter
Symbol
-45
-50
-60
Unit
Note
Min
Max
Min
Max
Min
Max
/RAS pulse width ( self refresh)
tRASS
100
-
100
-
100
-
us
31
/RAS precharge time ( self refresh)
tRPS
90
-
90
-
110
-
ns
31
/CAS hold time ( self refresh)
tCHS
-50
-
-50
-
-50
-
ns
23


Similar Part No. - HY51V65163HG

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51V18163HGJ HYNIX-HY51V18163HGJ Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51V18163HGJ-5 HYNIX-HY51V18163HGJ-5 Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51V18163HGJ-6 HYNIX-HY51V18163HGJ-6 Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51V18163HGJ-7 HYNIX-HY51V18163HGJ-7 Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51V18163HGT HYNIX-HY51V18163HGT Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
More results

Similar Description - HY51V65163HG

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51VS17403HG HYNIX-HY51VS17403HG Datasheet
96Kb / 11P
   4M x 4Bit EDO DRAM
HY57V561620 HYNIX-HY57V561620 Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Siemens Semiconductor G...
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
logo
Hynix Semiconductor
HY57V561620C HYNIX-HY57V561620C Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Siemens Semiconductor G...
HYM324025S SIEMENS-HYM324025S Datasheet
52Kb / 10P
   4M x 32-Bit EDO-DRAM Module
HYM364035S SIEMENS-HYM364035S Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
HYM72V4005GS-50- SIEMENS-HYM72V4005GS-50- Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com