Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY51V18163HGJ-5 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HY51V18163HGJ-5
Description  1M x 16Bit EDO DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY51V18163HGJ-5 Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY51V18163HGJ-5 Datasheet HTML 1Page - Hynix Semiconductor HY51V18163HGJ-5 Datasheet HTML 2Page - Hynix Semiconductor HY51V18163HGJ-5 Datasheet HTML 3Page - Hynix Semiconductor HY51V18163HGJ-5 Datasheet HTML 4Page - Hynix Semiconductor HY51V18163HGJ-5 Datasheet HTML 5Page - Hynix Semiconductor HY51V18163HGJ-5 Datasheet HTML 6Page - Hynix Semiconductor HY51V18163HGJ-5 Datasheet HTML 7Page - Hynix Semiconductor HY51V18163HGJ-5 Datasheet HTML 8Page - Hynix Semiconductor HY51V18163HGJ-5 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HY51V(S)18163HG/HGL
Rev.0.1/Apr.01
5
DC CHARACTERISTICS (Vcc = 3.3V +/- 10%, TA=0 to 70°C)
Note :
1. Icc depends on output load condition when the device is selected, Icc(max) is specified at the output open condition
2. Address can be changed once or less while /RAS=VIL
3. Address can be changed once or less while /CAS=VIH
4. /CAS = L (<=0.2) while /RAS=L (<=0.2)
5. L-Version
Symbol
Parameter
Min
Max
Unit
Note
VOH
Output Level
Output Level voltage(Iout= -2mA)
2.4
Vcc
V
VOL
Output Level
Output Level voltage(Iout=2mA)
0
0.4
V
ICC1
Operating current
Average power supply operating current
( /RAS, /CAS Cycling : tRC = tRC min)
50ns
-
190
mA
1, 2
60ns
-
170
70ns
-
150
ICC2
Standby current (TTL interface)
Power supply standby current
(/RAS, /CAS=VIH, Dout = High-Z)
-
2
mA
ICC3
/RAS only refresh current
Average power supply current
/RAS only refresh mode
(tRC= tRC min)
50ns
-
190
mA
2
60ns
-
170
70ns
-
150
ICC4
EDO page mode current
Average power supply current
EDO page mode (tPC=tPC min)
50ns
-
185
mA
1, 3
60ns
-
165
70ns
-
145
ICC5
CMOS interface ( /RAS, /CAS >= Vcc-0.2V, Dout = High-Z)
-
1
mA
Standby current ( L-version)
-
150
uA
5
ICC6
/CAS-before-/RAS refresh current (tRC=tRC min)
50ns
-
190
mA
60ns
-
170
70ns
-
150
ICC7
Battery back up operating current ( standby with CBR ref.)
(CBR refresh, tRC=31.3us, tRAS <= 0.3us, Dout = High-Z, CMOS interface)
-
400
uA
4, 5
ICC8
Standby current
(RAS=VIH, /CAS=VIL, Dout=Enable)
-
5
mA
1
ICC9
Self refresh current
(/RAS, /CAS <=0.2V, Dout=High-Z)
-
250
uA
5
II(L)
Input leakage current, Any input (0V<= Vin<=4.6V)
-10
10
uA
IO(L)
Output leakage current, (Dout is disabled, 0V<= Vout<=4.6V)
-10
10
uA


Similar Part No. - HY51V18163HGJ-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51V65163HG HYNIX-HY51V65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGJ-45 HYNIX-HY51V65163HGJ-45 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGJ-5 HYNIX-HY51V65163HGJ-5 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGJ-6 HYNIX-HY51V65163HGJ-6 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGT-45 HYNIX-HY51V65163HGT-45 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
More results

Similar Description - HY51V18163HGJ-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_1 Datasheet
786Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52D32162A ESMT-M52D32162A Datasheet
767Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A_09 Datasheet
761Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A_0712 ESMT-M12L32162A_0712 Datasheet
693Kb / 28P
   1M x 16Bit x 2Banks Synchronous DRAM
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
logo
Samsung semiconductor
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com