Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29F040AR-55 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY29F040AR-55
Description  512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F040AR-55 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY29F040AR-55 Datasheet HTML 2Page - Hynix Semiconductor HY29F040AR-55 Datasheet HTML 3Page - Hynix Semiconductor HY29F040AR-55 Datasheet HTML 4Page - Hynix Semiconductor HY29F040AR-55 Datasheet HTML 5Page - Hynix Semiconductor HY29F040AR-55 Datasheet HTML 6Page - Hynix Semiconductor HY29F040AR-55 Datasheet HTML 7Page - Hynix Semiconductor HY29F040AR-55 Datasheet HTML 8Page - Hynix Semiconductor HY29F040AR-55 Datasheet HTML 9Page - Hynix Semiconductor HY29F040AR-55 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
HY29F040A
Output Disable Mode
With the /OE input at a logic high level (V
IH), output
from the device is disabled. This will cause the
output pins to be in a high impedance state. It is
shown in Table 1 that /CE = V
IL and /WE = VIH for
Output Disable. This is to differentiate Output Dis-
able mode from Write mode and to prevent
inadvertant writes during Output Disable.
Write Mode
Device programming and erase are accomplished
via the command register. The contents of the reg-
ister serve as inputs to the internal state machine.
Outputs of the state machine dictate the function
of the device.
The command register itself does not occupy any
addressable memory locations. The register is a
latch used to store the commands along with the
addresses and data information needed to execute
the command. The command register is written
by bringing /WE to V
IL, while /CE is at VIL and /OE
is at V
IH. Addresses are latched on the falling edge
of /WE or /CE, whichever happens later, while data
is latched on the rising edge of /WE or /CE, which-
ever happens first. Standard microprocessor
write timings are used. Refer to AC Characteris-
tics for Programming/Erase and their respective
Timing Waveforms for specific timing parameters.
Enable Sector Protect and Verify
Sector Protect Modes
The HY29F040A has a hardware Sector Protect
mode that disables both Programming and Erase
operation to protected sectors. In this device there
are 8 sectors of 64K bytes each. The sector protect
feature is enabled using programming equipment
at the user’s site. The device is shipped from
Hyundai’s factory with all sectors unprotected.
To activate the Sector Protect mode, the user
must force V
ID on address pin A9 and control pin /
OE. The sector addresses (A18, A17 and A16)
should be set to the sector to be protected (see
Table 3 for the sector address for each of the eight
individual sectors). Programming of the protec-
tion circuitry starts on the falling edge of /WE pulse
and is terminated with the rising edge of
/WE. Sector addresses must be held fixed during
the /WE pulse.
To verify programming of the protection circuitry,
the programming equipment must force V
ID on the
address pin A9 with /CE and /OE at V
IL and
/WE at V
IH. As shown in Table 2, scanning the
sector addresses (A18, A17 and A16) while (A6,
A1 and A0) = (0, 1, 0) will produce a 01H code at
the device output pins for a protected sector. In
the Verify Sector Protect mode, the device will read
00H for an unprotected sector. In this mode, the
lower order addresses, except for A0, A1 and A6,
are don’t care. Address locations with A1 = V
IL are
reserved for electronic ID manufacturer and de-
vice codes. It is also possible to determine if a
sector is protected in-system by writing the Elec-
tronic ID command (described in the Electronic
ID command section below).


Similar Part No. - HY29F040AR-55

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-45 HYNIX-HY29F002TC-45 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-55 HYNIX-HY29F002TC-55 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-70 HYNIX-HY29F002TC-70 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-90 HYNIX-HY29F002TC-90 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
More results

Similar Description - HY29F040AR-55

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040 AMICC-A29040 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Alliance Semiconductor ...
AS29CF040-55CCIN ALSC-AS29CF040-55CCIN Datasheet
713Kb / 27P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector - Parallel Flash Memory
logo
Advanced Micro Devices
AM29F016 AMD-AM29F016 Datasheet
219Kb / 36P
   16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com