Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C256B Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24C256B
Description  Schmitt Trigger, Filtered Inputs for Noise Suppression
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256B Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24C256B_14 Datasheet HTML 6Page - ATMEL Corporation AT24C256B_14 Datasheet HTML 7Page - ATMEL Corporation AT24C256B_14 Datasheet HTML 8Page - ATMEL Corporation AT24C256B_14 Datasheet HTML 9Page - ATMEL Corporation AT24C256B_14 Datasheet HTML 10Page - ATMEL Corporation AT24C256B_14 Datasheet HTML 11Page - ATMEL Corporation AT24C256B_14 Datasheet HTML 12Page - ATMEL Corporation AT24C256B_14 Datasheet HTML 13Page - ATMEL Corporation AT24C256B_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
5279C–SEEPR–3/09
AT24C256B
6.
Write Operations
BYTE WRITE: A write operation requires two 8-bit data word addresses following the device
address word and acknowledgment. Upon receipt of this address, the EEPROM will again
respond with a “0” and then clock in the first 8-bit data word. Following receipt of the 8-bit data
word, the EEPROM will output a “0”. The addressing device, such as a microcontroller, must
then terminate the write sequence with a stop condition. At this time the EEPROM enters an
internally-timed write cycle, t
WR, to the nonvolatile memory. All inputs are disabled during this
write cycle and the EEPROM will not respond until the write is complete (see Figure 6-1).
Figure 6-1.
Byte Write
Note:
* = DON’T CARE bit
PAGE WRITE: The 256K EEPROM is capable of 64-byte page writes.
A page write is initiated the same way as a byte write, but the microcontroller does not send a
stop condition after the first data word is clocked in. Instead, after the EEPROM acknowledges
receipt of the first data word, the microcontroller can transmit up to 63 more data words. The
EEPROM will respond with a “0” after each data word received. The microcontroller must termi-
nate the page write sequence with a stop condition (see Figure 6-2).
Figure 6-2.
Page Write
Note:
* = DON’T CARE bit
The data word address lower six bits are internally incremented following the receipt of each
data word. The higher data word address bits are not incremented, retaining the memory page
row location. When the word address, internally generated, reaches the page boundary, the fol-
lowing byte is placed at the beginning of the same page. If more than 64 data words are
transmitted to the EEPROM, the data word address will “roll over” and previous data will be
overwritten. The address “roll over” during write is from the last byte of the current page to the
first byte of the same page.
ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a
start condition followed by the device address word. The read/write bit is representative of the
operation desired. Only if the internal write cycle has completed will the EEPROM respond with
a “0”, allowing the read or write sequence to continue.


Similar Part No. - AT24C256B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256B-10PU-1.8 ATMEL-AT24C256B-10PU-1.8 Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B-10TU-1.8 ATMEL-AT24C256B-10TU-1.8 Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256BY1-10YU-1.8 ATMEL-AT24C256BY1-10YU-1.8 Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
More results

Similar Description - AT24C256B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04 ATMEL-AT24C04_14 Datasheet
302Kb / 19P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C16 ATMEL-AT24C16_14 Datasheet
302Kb / 19P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C16SC ATMEL-AT24C16SC_14 Datasheet
254Kb / 14P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C32SC ATMEL-AT24C32SC_14 Datasheet
216Kb / 13P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C04A ATMEL-AT24C04A_14 Datasheet
598Kb / 16P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C01B ATMEL-AT24C01B_14 Datasheet
526Kb / 25P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C01A ATMEL-AT24C01A_14 Datasheet
302Kb / 19P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C02 ATMEL-AT24C02_14 Datasheet
302Kb / 19P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C02SC ATMEL-AT24C02SC_14 Datasheet
254Kb / 14P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C64A ATMEL-AT24C64A_14 Datasheet
695Kb / 18P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C08A ATMEL-AT24C08A_14 Datasheet
257Kb / 20P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com