Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5916G14 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 5916G14
Description  Powerpole Connectors PP75 up to 120 Amps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5916G14 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  5916G14 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5916G14 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5916G14 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5916G14 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5916G14 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5916G14 Datasheet HTML 6Page - List of Unclassifed Manufacturers 5916G14 Datasheet HTML 7Page - List of Unclassifed Manufacturers 5916G14 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.andersonpower.com - 33 -
All Data Subject To Change Without Notice
| PP75 SPECIFICATIONS |
Electrical
Current Rating Amperes¹
UL 1977
CSA
Wire to Wire (6 AWG)
120
70
Wire to PCB (6-AWG)
55
50
Wire to Busbar (6 AWG)
75
Voltage Rating AC/DC
UL 1977
600
PCB Connector Recommended Voltage 3
per IEC 60950-1 Table 2L Pollution Degree 2
Mini Vert. Contact Adjacent Poles
220
Mini Horiz. Contact Adjacent Poles
200
Standard Contact Adjacent Poles
635
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms¹
Wire Contact with 1 1/4” of #6 AWG
0.200
PCB Contact to Contact
0.500
UL Hot Plug Current Rating Amperes - 250 cycles at 120V DC
Wire- wire
50A
PCB- wire (Vertical Mini Powerclaw)
40A
Mechanical
Wire Size Range
AWG
mm²
Wire Contcts with Bushings
16 to 6
1.3 to 13.3
Max. Wire Insulation Diameter
in.
mm
0.437
11.100
Operating Temperature²
°F
°C
Standard
-4° to 221°
-20° to 105°
Chemical Resistant*
-40 to 221°
-40° to 105°
*Chemical resistant material not available for PCB guide housings
Mating Cycles No Load by Plating
Silver (Ag)
Tin (Sn)
Wire and PCB Contacts
10,000
1,500
Avg. Mating / Unmating Force
Lbf.
N
Wire to Wire Low Force Contacts
5
22
Wire to Wire High Force Contacts
7
31
Standard Powerclaw to Wire
7
31
Mini Powerclaw to Wire
4
17
PCB Specifications
Mounting Style
Plated Through Hole
Max PCB Thickness- in. [mm]
Standard: 0.15 [0.381]
Mini:
0.25 [0.635]
Recommended Traces
#8 AWG Cross Section
Min. Contact / Spring Retention Force
Lbf.
N
Wire Housing
50
222
Min. Creepage / Clearance Distance PCB in.
mm
Standard Powerclaw Adjacent Poles
0.260
6.6
Mini Vert. Powerclaw Adjacent Poles
0.087
2.2
Mini Horz. Powerclaw Adjacent Poles
0.079
2.0
Materials
Housing
Standard Plastic Resin
Polycarbonate
Chem. Resistant Resin
Polycarbonate / PBT blend
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Contact
Base
Copper Alloy
Wire Plating
Silver
PCB Plating
Sn or Ag over Ni
Contact Termination Methods
Crimp4
Wire Contacts
Hand Solder
Wire and PCB Contacts
Solder Dip*
PCB Contacts
Wave Solder*
PCB Contacts
Wrench / Socket
Busbar Contacts
¹ Based on: 105°C rated or better cable of the largest size, Properly calibrated APP® recommended tooling, and a 25°C ambient temperature. UL rating not to exceed
the maximum operating temperature. CSA rating below a 30°C temperature rise.
² Limited by the thermal properties of the connector plastic housing.
³ Without use of spacers to increase creepage and clearance distances.
4
Use APP® recommended tooling only. Alternate tools may adversely affect the performance of our connectors along with UL and CSA recognition.
Protection
Touch Safety with Wire Contacts
IEC 60529
IP10


Similar Part No. - 5916G14

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
5916G14 APP-5916G14 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
5916G14-BK APP-5916G14-BK Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
More results

Similar Description - 5916G14

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
logo
List of Unclassifed Man...
6319 ETC-6319 Datasheet
959Kb / 6P
   SB짰 50 Connectors - up to 120 amps
REV C3.1
logo
Anderson Power Products...
SB50 APP-SB50 Datasheet
1Mb / 7P
   SB® 50 Connectors Up to 120 amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
   SB® 120 Connectors Up to 240 Amps
REV C7
logo
List of Unclassifed Man...
SBS75XPRBLK ETC2-SBS75XPRBLK Datasheet
1Mb / 8P
   SBS짰 Connectors - up to 110 amps
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
SB175 APP-SB175 Datasheet
1Mb / 9P
   SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com