Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5916G14-BK Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 5916G14-BK
Description  Powerpole Connectors PP75 up to 120 Amps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5916G14-BK Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  5916G14-BK Datasheet HTML 1Page - List of Unclassifed Manufacturers 5916G14-BK Datasheet HTML 2Page - List of Unclassifed Manufacturers 5916G14-BK Datasheet HTML 3Page - List of Unclassifed Manufacturers 5916G14-BK Datasheet HTML 4Page - List of Unclassifed Manufacturers 5916G14-BK Datasheet HTML 5Page - List of Unclassifed Manufacturers 5916G14-BK Datasheet HTML 6Page - List of Unclassifed Manufacturers 5916G14-BK Datasheet HTML 7Page - List of Unclassifed Manufacturers 5916G14-BK Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.andersonpower.com
- 34 -
All Data Subject To Change Without Notice
[ 15.9 ]
0.63
[ 15.9 ]
0.63
[ 27.4 ]
1.08
[ 15.9 ]
0.63
[ 15.9 ]
0.63
[ 27.4 ]
1.08
Left Side View
Right Side View
- Both Versions
- Both Versions
[ 5.1 ]
Ø 0.20
[ 2.6 ]
R 0.10
[ 15.9 ]
0.63
[ 6.9 ]
0.27
[ 15.9 ]
0.63
[ 27.4 ]
1.08
[ 5.1 ]
Ø .20
Oval Hole
Round Hole
- Mounting Wing Top
- Mounting Wing Top
[ 43.2 ]
1.70
[ 4.9 ]
0.19
[ 3.6 ]
0.14
[ 7.9 ]
0.31
[ 15.7 ]
0.62
[ 2.8 ]
0.11
Top View
Side View
| Powerpole® PP75 Accessories |
A
Strain Relief Grommets
Use for strain relief in the back side of a PP75 housing. Wire gauge given for
reference only, use grommet ID and wire OD to determine suitability in the
end application.
Dimensions
- A -
Description
- Part Numbers - inches mm
Minimum Quantity ...
100
.......................
#6 AWG, Black
114411P2
0.35 8.89
#8 AWG, Black
114411P1
0.25 6.35
#10 - 12 AWG, Black
114411P3
0.17 4.32
Mounting Wing for Standard or CR Housings
Mounting wings can be used to secure dovetailed Powerpole® 75 series housings
by passing fasteners through the wings in either a horizontal or vertical orientation.
Useful for sheet metal panels, printed circuit boards, and many other mounting
surfaces. Fasteners not included.
Description
------- Part Numbers -------
Minimum Quantity ...
1,000
100 ...
Blue, Round Hole
1399G20-BK
1399G20
Blue, Oval Hole
1399G7-BK
1399G7
Mounting Wing for Locking Housings
Mounting wings can be used to secure Powerpole® 75 series housings with
locking dovetails by passing fasteners through the wings in either a horizontal or
vertical orientation. Useful for sheet metal panels, printed circuit boards, and
many other mounting surfaces. Fasteners not included.
Description
--------------------- Part Numbers ---------------------
Minimum Quantity ...
1,000
100
...
Blue, Oval Hole
75LOKWNGBLU-BK
75LOKWNGBLU
Blue, Round Hole
75LOKWNGBLU-R-BK 75LOKWNGBLU-R
Surface Mount for Locking Housings
Use to secure Powerpole® 75 series housings with locking dovetails to a flat
surface. Useful for sheet metal panels, printed circuit boards, and many other
mounting surfaces. Fasteners not included.
Description
----------------- Part Numbers ----------------
Minimum Quantity ...
1,000
100
...
Blue
75LOKSMTBLU-BK 75LOKSMTBLU
Spacer
Use to separate housings under high power to minimize power capability derating
due to heat rise. They are recommended for squaring off a block of Powerpole® 75
housings to enable mounting accessories or retaining pins to be used. Combining
long and short spacers opposite each other in a mated block adds keying features,
or use two short spacers to avoid interference.
Description
------------- Part Numbers -------------
Minimum Quantity…
1000
100 ....
Red, Short
..........
Available Soon
..........
Red, Long
..........
Available Soon
..........
Short
Long
[ 17.0 ]
0.67
[ 33.3]
1.31
[ 17.0 ]
0.67
[ 47.6 ]
1.87
NEW


Similar Part No. - 5916G14-BK

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
5916G14-BK APP-5916G14-BK Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
More results

Similar Description - 5916G14-BK

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
logo
List of Unclassifed Man...
6319 ETC-6319 Datasheet
959Kb / 6P
   SB짰 50 Connectors - up to 120 amps
REV C3.1
logo
Anderson Power Products...
SB50 APP-SB50 Datasheet
1Mb / 7P
   SB® 50 Connectors Up to 120 amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
   SB® 120 Connectors Up to 240 Amps
REV C7
logo
List of Unclassifed Man...
SBS75XPRBLK ETC2-SBS75XPRBLK Datasheet
1Mb / 8P
   SBS짰 Connectors - up to 110 amps
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
SB175 APP-SB175 Datasheet
1Mb / 9P
   SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com