Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS97C8032 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HMS97C8032
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS97C8032 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HMS97C8032 Datasheet HTML 7Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 8Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 9Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 10Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 11Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 12Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 13Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 14Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 157 page
background image
HMS91C8032/97C8032
8
NOV., 2001 Ver 1.02
HMS91C8032/HMS97C8032 Description
3. INSTRUCTION SET
The HMS9XC8032 instruction set is optimized for 8-bit control applications. It provides a variety of fast addressing modes for accessing
the internal RAM to facilitate byte operations on small data structures. The instruction set provides extensive support for one-bit variables
as a separate data type, allowing direct bit manipulation in control and logic systems that require Boolean processing.
3.1 Program Status Word
The Program Status Word (PSW) contains several status bits that
reflect the current state of the CPU. The PSW, shown in Figure
3-1, resides in the SFR space. It contains the Carry bit, the Aux-
iliary Carry (for BCD operations), the two register bank select
bits, the Overflow flag, a Parity bit, and two user-definable status
flags.
The Carry bit, other than serving the functions of a Carry bit in
arithmetic operations, also serves as the “Accumulator” for a
number of Boolean operations.
RS0 and RS1 are used to select one of the four register banks.
Each register bank composed of eight registers.(R0 to R7) The
selection of a register bank is made at execution time.
The parity bit reflects the number of 1s in the Accumulator: P= 1
if the Accumulator contains an odd number of 1s, and P = 0 if the
Accumulator contains an even number of 1s. Thus the number of
1s in the Accumulator plus P is always even. Two bits in the PSW
are uncommitted and may be used as general-purpose status
flags.
3.2 Addressing Modes
The addressing modes in the HMS9XC8032 instruction set are as
follows:
Direct Addressing
In direct addressing the operand is specified by an 8-bit address
field in the instruction. Only internal Data RAM and SFRs can be
directly addressed.
Indirect Addressing
In indirect addressing the instruction specifies a register which
contains the address of the operand. Both internal and external
RAM can be indirectly addressed.
The address register for 8-bit addresses can be R0 or R1 of the se-
lected bank, or the Stack Pointer. The address register for 16-bit
addresses can only be the 16-bit "data pointer" register, DPTR.
Figure 3-1 PSW (Program Status Word) Register in HMS9XC8032 Devices
AC
-
CY
F0
RS0
OV
P
PSW 6
Auxiliary carry flag receives
carry out from bit 3
of addition operands
PSW 0
Parity of accumulator
set by hardware to 1 if it
contains an odd number
of 1s; otherwise it is
reset to 0
PSW 1
User-definable flag
PSW 2
Overflow flag set by
arithmetic operation
PSW 3
Register bank select bit 0
PSW 7
Carry flag receives carry out
from bit 7 of ALU operands
PSW 4
Register bank select bit 1
PSW 5
General purpose status flag
RS1


Similar Part No. - HMS97C8032

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HMS90N04D HMSEMI-HMS90N04D Datasheet
409Kb / 5P
   N-Channel Super Trench Power MOSFET
HMS90N06 HMSEMI-HMS90N06 Datasheet
324Kb / 6P
   N-Channel Super Trench Power MOSFET
HMS90N10DA HMSEMI-HMS90N10DA Datasheet
577Kb / 5P
   N-Channel Super Trench II Power MOSFET
HMS90N85D HMSEMI-HMS90N85D Datasheet
506Kb / 5P
   N-Channel Super Trench II Power MOSFET
HMS90P03D HMSEMI-HMS90P03D Datasheet
496Kb / 5P
   P-Channel Super Trench Power MOSFET
More results

Similar Description - HMS97C8032

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com