Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

913506 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 913506
Description  10.16mm Beau Eurostyle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

913506 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  913506 Datasheet HTML 1Page - Molex Electronics Ltd. 913506 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39910-0306
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
10.16mm Beau™ Eurostyle™, Fixed Mount PCB Terminal Block, High Voltage, High
Power 40A, 6 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39910
Application
N/A
Component Type
One Piece
Overview
Eurostyle™ Terminal Blocks
Product Name
Eurostyle™Fixed Mount
Type
Euro Block
UPC
756054315651
Physical
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Black
Entry Angle
Horizontal
Flammability
94V-0
Lock to Mating Part
None
Material - Metal
Brass, Copper
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Net Weight
59.782/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
4.10mm
PCB Retention
None
Panel Mount
No
Pitch - Mating Interface
10.16mm
Pitch - Termination Interface
10.16mm
Plating min - Mating
3.810µm
Plating min - Termination
3.810µm
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
130°C
Termination Interface: Style
Through Hole
Wire Size AWG
10, 12, 14, 16, 18, 8
Wire Size mm²
0.75 - 6.0
Electrical
Current - Maximum per Contact
40A
Voltage - Maximum
600V
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39910Series
Mates With
N/A


Similar Part No. - 913506

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
913506 MOLEX5-913506 Datasheet
497Kb / 4P
   10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 40A, 6 Circuits
More results

Similar Description - 913506

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39910-0311 MOLEX11-39910-0311 Datasheet
37Kb / 2P
   10.16mm Beau??Eurostyle?
39910-0312 MOLEX11-39910-0312 Datasheet
37Kb / 2P
   10.16mm Beau??Eurostyle?
39910-0308 MOLEX11-39910-0308 Datasheet
37Kb / 2P
   10.16mm Beau Eurostyle
39910-0313 MOLEX11-39910-0313 Datasheet
41Kb / 2P
   10.16mm Beau Eurostyle
39910-0107 MOLEX11-39910-0107 Datasheet
37Kb / 2P
   10.16mm Beau Eurostyle
39910-0111 MOLEX11-39910-0111 Datasheet
41Kb / 2P
   10.16mm Beau Eurostyle
39910-0305 MOLEX11-39910-0305 Datasheet
41Kb / 2P
   10.16mm Beau Eurostyle
39910-0310 MOLEX11-39910-0310 Datasheet
37Kb / 2P
   10.16mm Beau??Eurostyle?
39910-0104 MOLEX11-39910-0104 Datasheet
38Kb / 2P
   10.16mm Beau Eurostyle
39910-0108 MOLEX11-39910-0108 Datasheet
38Kb / 2P
   10.16mm Beau Eurostyle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com