Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS81024E Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HMS81024E
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81024E Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HMS81024E Datasheet HTML 6Page - Hynix Semiconductor HMS81024E Datasheet HTML 7Page - Hynix Semiconductor HMS81024E Datasheet HTML 8Page - Hynix Semiconductor HMS81024E Datasheet HTML 9Page - Hynix Semiconductor HMS81024E Datasheet HTML 10Page - Hynix Semiconductor HMS81024E Datasheet HTML 11Page - Hynix Semiconductor HMS81024E Datasheet HTML 12Page - Hynix Semiconductor HMS81024E Datasheet HTML 13Page - Hynix Semiconductor HMS81024E Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
HMS81004E/08E/16E/24E/32E
JUNE 2001 Ver 1.00
7
1.375
0.021
0.055
0.100 BSC
0.300 BSC
0.300
0.014
0 ~ 15°
MAX 0.180
MIN 0.015
0.713
0.020
0.050 BSC
0 ~ 8°
0.042
28 SKDIP
28 SOP
UNIT: INCH
MAX
MIN
1.355
0.015
0.045
0.275
0.008
0.697
0.013
0.016


Similar Part No. - HMS81024E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS81C2012A ETC1-HMS81C2012A Datasheet
1Mb / 107P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
HMS81C2012AK ETC1-HMS81C2012AK Datasheet
1Mb / 107P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
HMS81C2012ALQ ETC1-HMS81C2012ALQ Datasheet
1Mb / 107P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
HMS81C2012AQ ETC1-HMS81C2012AQ Datasheet
1Mb / 107P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
HMS81C2020A ETC1-HMS81C2020A Datasheet
1Mb / 107P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
More results

Similar Description - HMS81024E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com