Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-7831-HA_2015 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # MC-7831-HA_2015
Description  1 GHz CATV 18 dB PUSH-PULL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MC-7831-HA_2015 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MC-7831-HA_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7831-HA_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7831-HA_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7831-HA_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7831-HA_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7831-HA_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet PG10684EJ01V0DS
2
MC-7831-HA
RECOMMENDED OPERATING CONDITIONS (ZS = ZL = 75
Ω, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
VDD
23.5
24.0
24.5
V
Input Voltage
Vi
110 channel, Flat
21.0
27.5
dBmV
Operating Case Temperature
TC
−30
+25
+85
°C
ELECTRICAL CHARACTERISTICS (TC = 30
± 5°C, VDD = 24 V, ZS = ZL = 75 Ω, unless otherwise
specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Linear Gain
GL
f = 870 MHz
18.0
21.0
dB
Gain Slope
GSlope
f = 40 to 870 MHz
0.2
1.0
dB
Gain Flatness 1
GFlatness1
f = 40 to 870 MHz
−0.35
+0.35
dB
Gain Flatness 2
GFlatness2
f = 40 to 1 000 MHz
−0.35
+0.85
dB
Noise Figure 1
NF1
f = 50 MHz
6.5
dB
Noise Figure 2
NF2
f = 870 MHz
7.0
dB
Operating Current
IDD
RF OFF (Pin = None)
180
240
mA
Composite Triple Beat
CTB
−57
dBc
Cross Modulation
XM
−50
dBc
Composite 2nd Order Beat
CSO
110 channel,
VO = 44 dBmV, Flat
−57
dBc
Input Return Loss 1
RLi1
f = 40 to 160 MHz
20.0
dB
Input Return Loss 2
RLi2
f = 160 to 320 MHz
19.0
dB
Input Return Loss 3
RLi3
f = 320 to 640 MHz
17.5
dB
Input Return Loss 4
RLi4
f = 640 to 870 MHz
16.0
dB
Input Return Loss 5
RLi5
f = 870 to 1 000 MHz
10.0
dB
Output Return Loss 1
RLo1
f = 40 to 160 MHz
20.0
dB
Output Return Loss 2
RLo2
f = 160 to 320 MHz
19.0
dB
Output Return Loss 3
RLo3
f = 320 to 640 MHz
17.5
dB
Output Return Loss 4
RLo4
f = 640 to 870 MHz
16.0
dB
Output Return Loss 5
RLo5
f = 870 to 1 000 MHz
12.0
dB


Similar Part No. - MC-7831-HA_2015

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7831-HA-AZ CEL-MC-7831-HA-AZ Datasheet
260Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
MC-7831-HA-AZ CEL-MC-7831-HA-AZ Datasheet
252Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
MC-7831-HA CEL-MC-7831-HA_07 Datasheet
252Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
More results

Similar Description - MC-7831-HA_2015

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7831-HA CEL-MC-7831-HA Datasheet
260Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
MC-7831-HA CEL-MC-7831-HA_07 Datasheet
252Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
MC-7852 CEL-MC-7852 Datasheet
24Kb / 2P
   CATV 18 dB PUSH-PULL AMPLIFIER
logo
NEC
MC-7852 NEC-MC-7852 Datasheet
22Kb / 2P
   CATV 18 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7852G CEL-MC-7852G Datasheet
25Kb / 2P
   CATV 18 dB PUSH-PULL AMPLIFIER
MC-7832HA CEL-MC-7832HA Datasheet
158Kb / 5P
   1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7832-HA_2015 JMNIC-MC-7832-HA_2015 Datasheet
65Kb / 6P
   1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2764 ANADIGICS-ACA2764 Datasheet
519Kb / 3P
   1 GHz, 21 dB Gain CATV Push-Pull Amplifier
logo
California Eastern Labs
MC-7831 CEL-MC-7831_1 Datasheet
280Kb / 7P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831_2015 JMNIC-MC-7831_2015 Datasheet
61Kb / 6P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com