Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGD944C_2015 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # CGD944C_2015
Description  870 MHz, 25 dB gain power doubler amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

CGD944C_2015 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  CGD944C_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD944C_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD944C_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD944C_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD944C_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD944C_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD944C_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CGD944C_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 6 June 2007
2 of 7
NXP Semiconductors
CGD944C
870 MHz, 25 dB gain power doubler amplifier
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
input
2, 3
common
5+VB
7, 8
common
9
output
9
13 57
23 78
5
9
1
sym095
Table 3.
Ordering information
Type number
Package
Name
Description
Version
CGD944C
-
rectangular single-ended package; aluminium flange;
2 vertical mounting holes; 2
× 6-32 UNC and 2 extra
horizontal mounting holes; 7 gold-plated in-line leads
SOT115J
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VB
supply voltage
-
30
V
Vi(RF)
RF input voltage
single tone
-
75
dBmV
132 channels flat
-
45
dBmV
Tstg
storage temperature
−40
+100
°C
Tmb
mounting base temperature
−20
+100
°C


Similar Part No. - CGD944C_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD944C NXP-CGD944C Datasheet
284Kb / 7P
   870 MHz, 25 dB gain power doubler amplifier
Rev. 02-16 November 2009
CGD944C NXP-CGD944C Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - CGD944C_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD944C NXP-CGD944C Datasheet
284Kb / 7P
   870 MHz, 25 dB gain power doubler amplifier
Rev. 02-16 November 2009
logo
Skyworks Solutions Inc.
ACA3748 SKYWORKS-ACA3748 Datasheet
531Kb / 6P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
ANADIGICS, Inc
ACA3748 ANADIGICS-ACA3748 Datasheet
433Kb / 4P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
ACA3747 ANADIGICS-ACA3747 Datasheet
607Kb / 6P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
Quanzhou Jinmei Electro...
CGD942C_2015 JMNIC-CGD942C_2015 Datasheet
58Kb / 7P
   870 MHz, 23 dB gain power doubler amplifier
logo
NXP Semiconductors
CGD923 PHILIPS-CGD923 Datasheet
52Kb / 8P
   870 MHz, 20 dB gain power doubler amplifier
2002 Oct 08
CGD942C NXP-CGD942C Datasheet
284Kb / 7P
   870 MHz, 23 dB gain power doubler amplifier
Rev. 02-19 November 2009
logo
California Eastern Labs
MC-7884 CEL-MC-7884_06 Datasheet
290Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7847_2015 JMNIC-MC-7847_2015 Datasheet
41Kb / 6P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7847 CEL-MC-7847 Datasheet
291Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com