Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD20UJ Datasheet(PDF) 1 Page - NEC

Part # RD20UJ
Description  LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD20UJ Datasheet(HTML) 1 Page - NEC

  RD20UJ Datasheet HTML 1Page - NEC RD20UJ Datasheet HTML 2Page - NEC RD20UJ Datasheet HTML 3Page - NEC RD20UJ Datasheet HTML 4Page - NEC RD20UJ Datasheet HTML 5Page - NEC RD20UJ Datasheet HTML 6Page - NEC RD20UJ Datasheet HTML 7Page - NEC RD20UJ Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1993
DATA SHEET
ZENER DIODES
RD4.7UJ to RD39UJ
LOW NOISE SHARP BREAKDOWN CHARACTERISTICS
ZENER DIODES
2PIN ULTRA SUPER MINI MOLD
Document No. D13938EJ3V0DS00 (3rd edition)
(Previous No. DC-2135)
Date Published March 1999 N CP(K)
Printed in Japan
DESCRIPTION
Type RD4.7UJ to RD39UJ Series are 2PIN Ultra Super Mini
Mold Package zener diodes possessing an allowable power
dissipation of 150 mW featuring low noise and sharp break-
down characteristic. They are intended for use in audio equip-
ment, instrument equipment.
FEATURES
Low Noise
Sharp Breakdown characteristics
•Vz; Applied E24 standard
APPLICATIONS
Circuits for Constant Voltage, Constant Current, Waveform
clipper, Surge absorber, etc.
MAXIMUM RATINGS (TA = 25
°C)
Power Dissipation
P
150 mW
Forward Current
IF
100 mA
Reverse Surge Power
PRSM
2.2 W
(at t = 10
µs/1 pulse)
Show Fig. 6
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–55 to +150
°C
2.1±0.1
1.3±0.1
Cathode
Indication
PACKAGE DIMENSIONS
(Unit: mm)
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Similar Part No. - RD20UJ

ManufacturerPart #DatasheetDescription
logo
NEC
RD20UM NEC-RD20UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
More results

Similar Description - RD20UJ

ManufacturerPart #DatasheetDescription
logo
NEC
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
RD39JS NEC-RD39JS Datasheet
44Kb / 8P
   DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
logo
Knox Semiconductor, Inc
LVA43A KNOX-LVA43A Datasheet
42Kb / 1P
   SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES
LVA450A KNOX-LVA450A Datasheet
48Kb / 1P
   SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES
logo
New Jersey Semi-Conduct...
LVA43A NJSEMI-LVA43A Datasheet
43Kb / 1P
   SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES
logo
NEC
RD120S NEC-RD120S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
logo
Knox Semiconductor, Inc
K511 KNOX-K511 Datasheet
33Kb / 1P
   LOW LEVEL ZENER DIODES SHARP KNEE, LOW IMPEDANCE
logo
NEC
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
2SC5436 NEC-2SC5436 Datasheet
77Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR ULTRA SUPER MINI MOLD FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com