Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSS463-AA Datasheet(PDF) 6 Page - ATMEL Corporation

Part # TSS463-AA
Description  Fully Compliant to VAN Specification ISO/11519-3
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463-AA Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TSS463-AA_14 Datasheet HTML 2Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 3Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 4Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 5Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 6Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 7Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 8Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 9Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
6
TSS463-AA
4205B–AUTO–12/04
Figure 3. SPI Data Stream
SCLK: Serial Clock
The master device provides the serial clock for the slave devices. Data is transferred
synchronously with this clock in both directions. The master and the slave devices
send/receive a data byte during an eight-clock pulse sequence.
MOSI: Master Out Slave In
The MOSI pin is the master device data output (CPU) and the slave device data input
(TSS463AA). Data is transferred serially from the master to the slave on this line; most
significant bit (MSB) first, least significant bit (LSB) last.
MISO: Master In Slave Out
The MISO pin is configured as the slave device data output (TSS463AA) and as master
device data input (CPU). When the slave device is not selected (SS = 1), this pin is in
high impedance state.
SS: Slave Select
The SS pin is the slave chip select. It is low active. A low state on the Slave Select input
allows the TSS463AA to accept data on the MOSI pin and send data on the MISO pin.
The Slave Select signal must not toggle between each transmitted byte and should be
left at a low level during the whole SPI frame. SS must be asserted to inactive high level
at the end of the SPI frame.
As mentioned before, if SS is not asserted, MISO pin is in a high impedance state and
incoming data is not driven to the serial data register.
SPI Protocol
The general format of the data communication in the SPI frame between the TSS463AA
and the host is a bit-for-bit exchange on each SCLK clock pulse. Data is arranged in the
TSS463AA such that the significance of a bit is determined by its position from the start
for output and from the end for input, most significant bit (MSB) is sent first. Bit
exchanges in multiples of 8 bits are allowed.
The Idle Clock Polarity (CPOL) and the Clock Phase (CPHA) are not programmable: the
CPOL and CPHA values to be programmed in the master (CPU) are CPOL = CPHA = 1.
This is available for all modes. Waveforms with transmit and sample points are shown in
Figure 6.
0x55
SCLK
MOSI
SS
SPI 8 Pulses
0x66
MISO


Similar Part No. - TSS463-AA_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS463-AAR ATMEL-TSS463-AAR Datasheet
1Mb / 60P
   VAN Data Link Controller with Serial Interface
TSS463-AA ATMEL-TSS463-AA_04 Datasheet
1Mb / 60P
   VAN Data Link Controller with Serial Interface
More results

Similar Description - TSS463-AA_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS463B ATMEL-TSS463B_14 Datasheet
955Kb / 59P
   Fully Compliant to VAN Specification
logo
Maxim Integrated Produc...
DS28E18EVKIT MAXIM-DS28E18EVKIT Datasheet
3Mb / 11P
   Fully Compliant with USB 2.0 Specification
Rev 0; 6/20
DS28E16EVKIT MAXIM-DS28E16EVKIT Datasheet
2Mb / 7P
   Fully Compliant with USB Specification v2.0
Rev 0; 3/19
DS28E84EVKIT MAXIM-DS28E84EVKIT Datasheet
2Mb / 15P
   Fully Compliant with USB Specification v2.0
2019
DS28E83EVKIT MAXIM-DS28E83EVKIT Datasheet
2Mb / 16P
   Fully Compliant with USB Specification v2.0
Rev 0; 3/18
DS28E38EVKIT MAXIM-DS28E38EVKIT Datasheet
6Mb / 29P
   Fully Compliant with USB Specification v2.0
Rev 2; 3/19
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5930Z AVAGO-AFBR-5930Z Datasheet
343Kb / 13P
   Fully RoHS compliant
logo
PHOENIX CONTACT
2885867 PHOENIX-2885867 Datasheet
98Kb / 3P
   RAD-ISM-2400-ANT-VAN- 3-0-SMA
logo
Exar Corporation
XRT91L34IVF EXAR-XRT91L34IVF Datasheet
166Kb / 2P
   China RoHS Fully Compliant
logo
ATMEL Corporation
TSS461F ATMEL-TSS461F Datasheet
606Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com