Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF246B_2015 Datasheet(PDF) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BLF246B_2015
Description  VHF push-pull power MOS transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BLF246B_2015 Datasheet(HTML) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BLF246B_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 14Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 15Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2001 Oct 10
11
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF246B
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT161A
99-03-29
99-10-04
0
5
10 mm
scale
Flanged ceramic package; 2 mounting holes; 8 leads
SOT161A
U2
H
D
D1
A
F
A
b
M
w3
b1
H1
M
M
C
w2
w1
p
AB
M
M
M
E
E1
Q
c
q
U1
e
e1
C
B
1
2
3
4
7
8
5
6
UNIT
A
mm
D
b
2.04
1.77
b1
2.93
2.66
0.18
0.10
10.22
10.00
E
10.21
10.00
e
3.50
16.81
16.21
10.34
10.08
7.27
6.47
c
e1
U2
0.25
0.25
0.51
w3
18.42
qw2
w1
F
2.70
2.08
U1
24.97
24.71
H1
12.83
12.57
p
3.33
3.07
Q
4.32
4.06
3.80
inches
0.080
0.070
0.115
0.105
0.007
0.004
0.402
0.394
D1
10.21
9.94
0.402
0.391
0.402
0.394
E1
10.21
9.94
0.402
0.391
0.138
0.662
0.638
0.407
0.397
0.286
0.255
0.010
0.010 0.020
0.725
0.106
0.082
0.983
0.973
0.505
0.495
0.131
0.121
0.170
0.160
0.150
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)


Similar Part No. - BLF246B_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BLF246B JMNIC-BLF246B_15 Datasheet
99Kb / 16P
   VHF push-pull power MOS transistor
More results

Similar Description - BLF246B_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF245B PHILIPS-BLF245B Datasheet
94Kb / 12P
   VHF push-pull power MOS transistor
September 1992
BLF368 PHILIPS-BLF368 Datasheet
132Kb / 16P
   VHF push-pull power MOS transistor
1998 Jul 29
logo
Quanzhou Jinmei Electro...
BLF248_2015 JMNIC-BLF248_2015 Datasheet
89Kb / 13P
   VHF push-pull power MOS transistor
logo
eleflow technologies co...
BLF248 ELEFLOW-BLF248 Datasheet
90Kb / 2P
   VHF push-pull power MOS transistor
logo
Quanzhou Jinmei Electro...
BLF368_2015 JMNIC-BLF368_2015 Datasheet
112Kb / 16P
   VHF push-pull power MOS transistor
logo
NXP Semiconductors
BLF248 PHILIPS-BLF248 Datasheet
105Kb / 13P
   VHF push-pull power MOS transistor
September 1992
BLF378 PHILIPS-BLF378 Datasheet
134Kb / 16P
   VHF push-pull power MOS transistor
1998 Jul 29
logo
Quanzhou Jinmei Electro...
BLF278_2015 JMNIC-BLF278_2015 Datasheet
141Kb / 21P
   VHF push-pull power MOS transistor
BLF245B_2015 JMNIC-BLF245B_2015 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF245B JMNIC-BLF245B_15 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF246B JMNIC-BLF246B_15 Datasheet
99Kb / 16P
   VHF push-pull power MOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com