Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S12GR Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # S12GR
Description  Silicon Standard Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

S12GR Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  S12GR Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. S12GR Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. S12GR Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 100 V - 600 V
IF =12 A
Features
• High Surge Capability
DO-4 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
S12B (R)
S12D (R)
Unit
Repetitive peak reverse voltage
VRRM
100
200
V
RMS reverse voltage
VRMS
70
140
V
DC blocking voltage
VDC
100
200
V
2. Reverse polarity (R): Stud is anode.
S12B thru S12JR
S12J (R)
400
280
S12G (R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
• Types from 100 V to 600 V VRRM
Silicon Standard
Recovery Diode
Conditions
600
420
600
400
DC blocking voltage
VDC
100
200
V
Continuous forward current
IF
12
12
A
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
S12B (R)
S12D (R)
Unit
Diode forward voltage
1.1
1.1
10
10
μA
12
12
mA
Thermal characteristics
Thermal resistance, junction -
case
RthJC
2.50
2.50
°C/W
12
12
A
280
Reverse current
IR
VF
280
V
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
VR = 50 V, Tj = 25 °C
IF = 12 A, Tj = 25 °C
TC ≤ 144 °C
Conditions
280
280
-55 to 150
12
-55 to 150
S12J (R)
10
10
S12G (R)
2.50
VR = 50 V, Tj = 175 °C
2.50
1.1
1.1
12
-55 to 150
-55 to 150
TC = 25 °C, tp = 8.3 ms
600
400
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
1


Similar Part No. - S12GR

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
S12GR GENESIC-S12GR Datasheet
780Kb / 3P
   Silicon Standard Recovery Diode
logo
HB Electronic Component...
S12GR2C HB-S12GR2C Datasheet
209Kb / 3P
   Highest Flux RED
More results

Similar Description - S12GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S85JR ETC2-S85JR Datasheet
397Kb / 2P
   Silicon Standard Recovery Diode
logo
GeneSiC Semiconductor, ...
GKN7104 GENESIC-GKN7104 Datasheet
568Kb / 3P
   Silicon Standard Recovery Diode
S16B GENESIC-S16B Datasheet
760Kb / 3P
   Silicon Standard Recovery Diode
S40K GENESIC-S40K Datasheet
584Kb / 3P
   Silicon Standard Recovery Diode
KBU10005 GENESIC-KBU10005 Datasheet
298Kb / 2P
   Silicon Standard Recovery Diode
MSRT15060AD GENESIC-MSRT15060AD Datasheet
408Kb / 3P
   Silicon Standard Recovery Diode
S6B GENESIC-S6B Datasheet
763Kb / 3P
   Silicon Standard Recovery Diode
S12K GENESIC-S12K Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
S16K GENESIC-S16K Datasheet
761Kb / 3P
   Silicon Standard Recovery Diode
S85B GENESIC-S85B Datasheet
589Kb / 3P
   Silicon Standard Recovery Diode
S85K GENESIC-S85K Datasheet
590Kb / 3P
   Silicon Standard Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com