Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURT10005R Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MURT10005R
Description  Silicon Super Fast Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MURT10005R Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MURT10005R Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MURT10005R Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MURT10005R Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 200 V
IF(AV) = 100 A
Features
• High Surge Capability
Three Tower Package
• Types from 50 V to 200 V VRRM
• Isolation Type Package
• Electrically Isolated base plate
• Not ESD Sensitive
Parameter
Symbol
MURT10005(R)
MURT10010(R)
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
71
V
MURT10005 thru MURT10020R
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Conditions
MURT10020(R)
200
141
Silicon Super Fast
Recovery Diode
DC blocking voltage
VDC
50
100
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
MURT10005(R)
MURT10010(R)
Unit
Average forward current (per
pkg)
IF(AV)
100
100
A
Peak forward surge current (per
leg)
IFSM
1500
1500
A
Maximum instantaneous
forward voltage (per leg)
1.0
1.0
25
25
μA
11
mA
Maximum reverse recovery
time (per leg)
Trr
75
75
nS
Thermal characteristics
Thermal resistance, junction -
case (per leg)
R
ΘJC
1.0
1.0
°C/W
Tj = 25 °C
IFM = 50 A, Tj = 25 °C
Conditions
200
V
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Maximum instantaneous
reverse current at rated DC
blocking voltage (per leg)
IR
VF
Tj = 125 °C
MURT10020(R)
-55 to 150
-55 to 150
1.0
25
TC = 140 °C
100
tp = 8.3 ms, half sine
1500
IF=0.5 A, IR=1.0 A,
IRR= 0.25 A
75
1.0
1
www.genesicsemi.com/silicon-products/super-fast-recovery-rectifiers/
1


Similar Part No. - MURT10005R

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
MURT10005R AMERICASEMI-MURT10005R Datasheet
413Kb / 2P
   HIGH POWER- SUPER FAST RECTIFIERS
logo
GeneSiC Semiconductor, ...
MURT10005R GENESIC-MURT10005R Datasheet
749Kb / 3P
   Silicon Super Fast Recovery Diode
More results

Similar Description - MURT10005R

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MURF40040 GENESIC-MURF40040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURH7005 GENESIC-MURH7005 Datasheet
342Kb / 3P
   Silicon Super Fast Recovery Diode
MURF20040 GENESIC-MURF20040 Datasheet
353Kb / 3P
   Silicon Super Fast Recovery Diode
MURF30040 GENESIC-MURF30040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURH7040 GENESIC-MURH7040 Datasheet
351Kb / 3P
   Silicon Super Fast Recovery Diode
MURH10040 GENESIC-MURH10040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURT20005 GENESIC-MURT20005 Datasheet
360Kb / 3P
   Silicon Super Fast Recovery Diode
MURT30005 GENESIC-MURT30005 Datasheet
360Kb / 3P
   Silicon Super Fast Recovery Diode
MURTA20020 GENESIC-MURTA20020 Datasheet
425Kb / 3P
   Silicon Super Fast Recovery Diode
UFT10005 GENESIC-UFT10005 Datasheet
330Kb / 3P
   Silicon Super Fast Recovery Diode
MURTA40060 GENESIC-MURTA40060 Datasheet
422Kb / 4P
   Silicon Super Fast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com