Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C66A Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT93C66A
Description  Medium-voltage and Standard-voltage Operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C66A Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT93C66A_14 Datasheet HTML 5Page - ATMEL Corporation AT93C66A_14 Datasheet HTML 6Page - ATMEL Corporation AT93C66A_14 Datasheet HTML 7Page - ATMEL Corporation AT93C66A_14 Datasheet HTML 8Page - ATMEL Corporation AT93C66A_14 Datasheet HTML 9Page - ATMEL Corporation AT93C66A_14 Datasheet HTML 10Page - ATMEL Corporation AT93C66A_14 Datasheet HTML 11Page - ATMEL Corporation AT93C66A_14 Datasheet HTML 12Page - ATMEL Corporation AT93C66A_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
AT93C56A/66A
5091E–SEEPR–4/07
AT93C56A Ordering Information
Ordering Code
Package
Operation Range
AT93C56A-10SQ-2.7
AT93C56A-10TQ-2.7
8S1
8A2
Lead-free/Halogen-free/Automotive
Temperature
(
40C to 125C)
Package Type
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8A2
8-lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP)
Options
2.7
Low Voltage (2.7V to 5.5V)


Similar Part No. - AT93C66A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66A ATMEL-AT93C66A_14 Datasheet
448Kb / 14P
   Low-voltage and Standard-voltage Operation
AT93C66A ATMEL-AT93C66A_14 Datasheet
340Kb / 13P
   Medium-voltage and Standard-voltage Operation
More results

Similar Description - AT93C66A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66A ATMEL-AT93C66A_14 Datasheet
340Kb / 13P
   Medium-voltage and Standard-voltage Operation
AT25320A ATMEL-AT25320A_14 Datasheet
457Kb / 19P
   Medium-voltage and Standard-voltage Operation
AT93C46 ATMEL-AT93C46_14 Datasheet
410Kb / 14P
   Medium-voltage and Standard-voltage Operation
AT93C56A ATMEL-AT93C56A_14 Datasheet
309Kb / 14P
   Medium-voltage and Standard-voltage Operation
AT93C56A ATMEL-AT93C56A_14 Datasheet
340Kb / 13P
   Medium-voltage and Standard-voltage Operation
AT93C66A ATMEL-AT93C66A_14 Datasheet
448Kb / 14P
   Low-voltage and Standard-voltage Operation
AT25128 ATMEL-AT25128_14 Datasheet
438Kb / 22P
   Low-voltage and Standard-voltage Operation
AT25640 ATMEL-AT25640_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT24C16A ATMEL-AT24C16A_14 Datasheet
626Kb / 20P
   Low-voltage and Standard-voltage Operation
AT25080 ATMEL-AT25080_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com