Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC6416C Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT88SC6416C
Description  One of a Family of Devices with User Memories from 1-Kbit to 256-Kbit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC6416C Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT88SC6416C_14 Datasheet HTML 4Page - ATMEL Corporation AT88SC6416C_14 Datasheet HTML 5Page - ATMEL Corporation AT88SC6416C_14 Datasheet HTML 6Page - ATMEL Corporation AT88SC6416C_14 Datasheet HTML 7Page - ATMEL Corporation AT88SC6416C_14 Datasheet HTML 8Page - ATMEL Corporation AT88SC6416C_14 Datasheet HTML 9Page - ATMEL Corporation AT88SC6416C_14 Datasheet HTML 10Page - ATMEL Corporation AT88SC6416C_14 Datasheet HTML 11Page - ATMEL Corporation AT88SC6416C_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
AT88SC6416C
5015KS–SMEM–08/09
5.
Device Architecture
5.1.
User Zones
The EEPROM user memory is divided into 16 zones of 4,096 bits each. Multiple zones allow for different types of data
or files to be stored in different zones. Access to the user zones is allowed only after security requirements have been
met. These security requirements are defined by the user during the personalization of the device in the configuration
memory. If the same security requirements are selected for multiple zones, then these zones may effectively be
accessed as one larger zone.
Figure 8.
User Zones
Zone
$0
$1
$2
$3
$4
$5
$6
$7
$000
512 Bytes
User 0
$1F8
$000
User 1
User 14
$1F8
$000
512 Bytes
User 15
$1F8
6.
Control Logic
Access to the user zones occurs only through the control logic built into the device. This logic is configurable through
access registers, key registers and keys programmed into the configuration memory during device personalization.
Also implemented in the control logic is a cryptographic engine for performing the various higher-level security
functions of the device.


Similar Part No. - AT88SC6416C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC6416C-CI ATMEL-AT88SC6416C-CI Datasheet
195Kb / 14P
   CryptoMemory 64 Kbit
AT88SC6416C-MB ATMEL-AT88SC6416C-MB Datasheet
195Kb / 14P
   CryptoMemory 64 Kbit
AT88SC6416C-MF ATMEL-AT88SC6416C-MF Datasheet
195Kb / 14P
   CryptoMemory 64 Kbit
AT88SC6416C-MJ ATMEL-AT88SC6416C-MJ Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC6416C-MJ ATMEL-AT88SC6416C-MJ Datasheet
191Kb / 20P
   CryptoMemory 64 Kbit
More results

Similar Description - AT88SC6416C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC25616C ATMEL-AT88SC25616C_14 Datasheet
191Kb / 20P
   One of a Family of 9 Devices with User Memories from 1-Kbit to 256-Kbit
AT88SC3216C ATMEL-AT88SC3216C_14 Datasheet
208Kb / 21P
   One of a Family of 9 Devices with User Memories from 1-Kbit to 256-Kbit
AT88SC12816C ATMEL-AT88SC12816C_14 Datasheet
194Kb / 21P
   One of a Family of 9 Devices with User Memories from 1-Kbit to 256-Kbit
AT88SC0104CA-SH-T ATMEL-AT88SC0104CA-SH-T Datasheet
289Kb / 23P
   One of a family of devices with user memories from 1Kbit to 8Kbits
AT88SC25616C ATMEL-AT88SC25616C_09 Datasheet
191Kb / 20P
   CryptoMemory 256 Kbit
AT88SC25616C ATMEL-AT88SC25616C Datasheet
385Kb / 14P
   CryptoMemory 256 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
logo
Cypress Semiconductor
FM3164-GTR CYPRESS-FM3164-GTR Datasheet
579Kb / 33P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
STMicroelectronics
M93C46-DRE STMICROELECTRONICS-M93C46-DRE Datasheet
1Mb / 32P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit
logo
Cypress Semiconductor
FM31L276 CYPRESS-FM31L276 Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com