Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU1010-G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GBU1010-G
Description  Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GBU1010-G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GBU1010-G Datasheet HTML 1Page - List of Unclassifed Manufacturers GBU1010-G Datasheet HTML 2Page - List of Unclassifed Manufacturers GBU1010-G Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Glass Passivated Bridge Rectifiers
Page 1
REV:A
GBU10005-G Thru. GBU1010-G
Parameter
Symbol
Unit
Dimensions in inches and (millimeter)
QW-BBR84
Maximum reverse peak repetitive voltage
Maximum RMS bridge input voltage
Maximum DC blocking voltage
Maximum average forward (With heatsink Note2)
rectified current
@Tc=100°C (without hestsink)
Peak forward surage current ,
8.3ms single half sine-wave
Super imposed on rated load (JEDEC Method)
Operating temperature range
Storage temperature range
Reverse Voltage: 50 to 1000V
Forward Current: 10A
RoHS Device
Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
50
35
50
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
TJ
TSTG
10.0
220
1.0
10.0
70
-55 to +150
-55 to +150
V
V
V
A
A
V
μA
°C
°C
GBU
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
COMCHIP
Comchip Technology CO., LTD.
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
Features
-Surge overload rating - 220 amperes peak.
Mechanical Data
pF
CJ
Maximum forward voltage at 5.0A DC
-Ideal for printed circuit board.
0.126(3.2)*45
°
0.210(5.3)
0.190(4.8)
0.210(5.3)
0.190(4.8)
0.047(1.2)
0.035(0.9)
0.022(0.56)
0.018(0.46)
0.106(2.7)
0.091(2.3)
0.232(5.90)
0.213(5.40)
0.139(3.53)
0.133(3.37)
0.874(22.2)
0.860(21.8)
0.401(10.2)
0.392(9.80)
0.752(19.1)
0.720(18.3)
0.100(2.54)
0.085(2.16)
0.080(2.03)
0.065(1.65)
0.073(1.85)
0.057(1.45)
0.720(18.29)
0.680(17.27)
0.210(5.3)
0.190(4.8)
0.161(4.1)
0.134(3.4)
0.437(11.1)
0.430(10.9)
Chamfer
3.0
500
TJ
Typical thermal resistance
°C/W
T
2.2
RθJC
Typical junction capacitance per element (Note 1)
200
I t
2
I T rating for fusing (t<8.3ms)
2
DC blocking voltage
@TJ=125°C
Maximum DC reverse current
at rate
@TJ=25°C
2. Device mounted on 100mm*100mm*1.6mm Cu plate heatsink.
A s
2
GBU
10005-G
GBU
1001-G
GBU
1002-G
GBU
1004-G
GBU
1006-G
GBU
1008-G
GBU
1010-G
-Epoxy: U/L 94-V0 rate flame retardant.
-Mounting position: Any
-Case: Molded plastic, GBU
-Weight: 3.91grams(approx.).
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - GBU1010-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU1010 DIODES-GBU1010 Datasheet
53Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
logo
Nanjing International G...
GBU1010 DGNJDZ-GBU1010 Datasheet
1Mb / 3P
   GBU Plastic-Encapulate Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
GBU1010 YFWDIODE-GBU1010 Datasheet
323Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Microdiode Electronics ...
GBU1010 CHENDA-GBU1010 Datasheet
499Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diodes Incorporated
GBU1010 DIODES-GBU1010 Datasheet
68Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. 6 - 2
More results

Similar Description - GBU1010-G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com