Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C32A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C32A
Description  Write Protect Pin for Hardware Data Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C32A Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C32A_14 Datasheet HTML 1Page - ATMEL Corporation AT24C32A_14 Datasheet HTML 2Page - ATMEL Corporation AT24C32A_14 Datasheet HTML 3Page - ATMEL Corporation AT24C32A_14 Datasheet HTML 4Page - ATMEL Corporation AT24C32A_14 Datasheet HTML 5Page - ATMEL Corporation AT24C32A_14 Datasheet HTML 6Page - ATMEL Corporation AT24C32A_14 Datasheet HTML 7Page - ATMEL Corporation AT24C32A_14 Datasheet HTML 8Page - ATMEL Corporation AT24C32A_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
Standard-Voltage Operation
–2.7 (V
CC =2.7Vto5.5V)
Internally Organized 4096 x 8 (32K), 8192 x 8 (64K)
Automotive Temperature Range –40C to +125C
Two-wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bidirectional Data Transfer Protocol
400 kHz Clock Rate
Write Protect Pin for Hardware Data Protection
32-byte Page Write Mode (Partial Page Writes Allowed)
Self-timed Write Cycle (5 ms Max)
High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
Lead-free/Halogen-free Devices Available
8-lead JEDEC SOIC and 8-lead TSSOP Packages
Description
The AT24C32A/64A provides 32,768/65,536 bits of serial electrically erasable and
programmable read only memory (EEPROM) organized as 4096/8192 words of 8 bits
each. The device’s cascadable feature allows up to 8 devices to share a common two-
wire bus. The device is optimized for use in many automotive applications where low
power and low voltage operation are essential. The AT24C32A/64A is available in
space saving 8-lead JEDEC SOIC and 8-lead TSSOP packages and is accessed via
a 2-wire serial interface and is available in a 2.7V (2.7V to 5.5V) version.
Table 1. Pin Configuration
Pin Name
Function
A0 – A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
Two-wire
Automotive
Serial EEPROM
32K (4096 x 8)
64K (8192 x 8)
AT24C32A(1)
AT24C64A
1. AT24C32A not recommended for
new design; replaced by
AT24C32D Automotive.
2. AT24C64A not recommended for
new design; replaced by
AT24C64D Automotive.
5120D–SEEPR–6/08
8-lead SOIC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead TSSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA


Similar Part No. - AT24C32A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A_14 Datasheet
695Kb / 18P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
More results

Similar Description - AT24C32A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC04B ATMEL-AT24HC04B_14 Datasheet
706Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24C04AN-10SU-1.8 ATMEL-AT24C04AN-10SU-1.8 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
AT24C02A ATMEL-AT24C02A_14 Datasheet
563Kb / 16P
   Write Protect Pin for Hardware Data Protection
AT24C16A ATMEL-AT24C16A_14 Datasheet
257Kb / 20P
   Write Protect Pin for Hardware Data Protection
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT34C02B ATMEL-AT34C02B_14 Datasheet
478Kb / 21P
   Hardware Write Protection for the Entire Array
AT34C02C ATMEL-AT34C02C_14 Datasheet
412Kb / 18P
   Hardware Write Protection for the Entire Array
logo
Micross Components
AS28C010 MICROSS-AS28C010 Datasheet
307Kb / 15P
   Hardware Data Protection
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
   Hardware and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com