Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C51ID2 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89C51ID2
Description  Six 8-bit I/O Ports (64 pins or 68 Pins Versions)
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89C51ID2_14 Datasheet HTML 1Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 2Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 3Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 4Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 5Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 6Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 7Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 8Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 157 page
background image
4289C–8051–11/05
1
Features
80C52 Compatible
– 8051 Instruction Compatible
– Six 8-bit I/O Ports (64 pins or 68 Pins Versions)
– Four 8-bit I/O Ports (44 Pins Version)
– Three 16-bit Timer/Counters
– 256 bytes Scratch Pad RAM
– 10 Interrupt Sources With 4 Priority Levels
ISP (In-System Programming) Using Standard V
CC Power Supply
Integrated Power Monitor (POR/PFD) to Supervise Internal Power Supply
Boot ROM Contains Low Level Flash Programming Routines and a Default Serial
Loader
High-speed Architecture
– In Standard Mode:
40 MHz (Vcc 2.7V to 5.5V, Both Internal and External Code Execution)
60 MHz (Vcc 4.5V to 5.5V and Internal Code Execution Only)
– In X2 Mode (6 Clocks/Machine Cycle)
20 MHz (Vcc 2.7V to 5.5V, Both Internal and External Code Execution)
30 MHz (Vcc 4.5V to 5.5V and Internal Code Execution Only)
64K bytes On-chip Flash Program/Data Memory
– Byte and Page (128 bytes) Erase and Write
– 100k Write Cycles
On-chip 1792 bytes Expanded RAM (XRAM)
– Software Selectable Size (0, 256, 512, 768, 1024, 1792 bytes)
– 768 bytes Selected at Reset for T89C51RD2 Compatibility
On-chip 2048 bytes EEPROM block for Data Storage
– 100k Write Cycles
Dual Data Pointer
32 KHz Crystal Oscillator
Variable Length MOVX for Slow RAM/Peripherals
Improved X2 Mode with Independant Selection for CPU and Each Peripheral
Keyboard Interrupt Interface on Port 1
SPI Interface (Master/Slave Mode)
8-bit Clock Prescaler
Two Wire Interface 400K bit/s
Programmable Counter Array with:
– High Speed Output
– Compare/Capture
– Pulse Width Modulator
– Watchdog Timer Capabilities
Asynchronous Port Reset
Full Duplex Enhanced UART with Dedicated Internal Baud Rate Generator
Low EMI (inhibit ALE)
Hardware Watchdog Timer (One-time Enabled with Reset-Out), Power-Off Flag
Power Control Modes: Idle Mode, Power-down Mode
Power Supply: 2.7V to 5.5V
Temperature Ranges: Industrial (-40 to +85°C)
Packages: PLCC44, VQFP44
Description
AT89C51ID2 is a high performance CMOS Flash version of the 80C51 CMOS single
chip 8-bit microcontroller. It contains a 64 Kbytes Flash memory block for program
and for data.
The 64 Kbytes Flash memory can be programmed either in parallel mode or in serial
mode with the ISP capability or with software. The programming voltage is internally
generated from the standard V
CC pin.
8-bit Flash
Microcontroller
AT89C51ID2


Similar Part No. - AT89C51ID2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51ID2-IM ATMEL-AT89C51ID2-IM Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51ID2-IM ATMEL-AT89C51ID2-IM Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51ID2-RDTIM ATMEL-AT89C51ID2-RDTIM Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
AT89C51ID2-RLTIM ATMEL-AT89C51ID2-RLTIM Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51ID2-RLTIM ATMEL-AT89C51ID2-RLTIM Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
More results

Similar Description - AT89C51ID2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2_14 Datasheet
1Mb / 147P
   Four 8-bit I/O ports 2 I/O 2-wire Interface (TWI) Pins
logo
Silicon Laboratories
EFM8UB3 SILABS-EFM8UB3 Datasheet
806Kb / 62P
   Up to 17 multifunction I/O pins
logo
National Semiconductor ...
DM54LS323 NSC-DM54LS323 Datasheet
152Kb / 8P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
54ACT323 NSC-54ACT323 Datasheet
197Kb / 8P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
Fairchild Semiconductor
74ACT323 FAIRCHILD-74ACT323 Datasheet
55Kb / 6P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
National Semiconductor ...
54LS323 NSC-54LS323 Datasheet
124Kb / 5P
   8-BIT UNIVERSAL SHIFT/STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV Datasheet
108Kb / 12P
   144-pin TQFP (117 user I/O pins)
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
[Old version datasheet]   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com