Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS81516BTLQ Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GMS81516BTLQ
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81516BTLQ Datasheet(HTML) 4 Page - Hynix Semiconductor

  GMS81516BTLQ Datasheet HTML 1Page - Hynix Semiconductor GMS81516BTLQ Datasheet HTML 2Page - Hynix Semiconductor GMS81516BTLQ Datasheet HTML 3Page - Hynix Semiconductor GMS81516BTLQ Datasheet HTML 4Page - Hynix Semiconductor GMS81516BTLQ Datasheet HTML 5Page - Hynix Semiconductor GMS81516BTLQ Datasheet HTML 6Page - Hynix Semiconductor GMS81516BTLQ Datasheet HTML 7Page - Hynix Semiconductor GMS81516BTLQ Datasheet HTML 8Page - Hynix Semiconductor GMS81516BTLQ Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
HYUNDAI MicroElectronics
GMS81508B/16B/24B
DEC. 1999 Ver 1.04
1
GMS81508B/16B/24B
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
WITH A/D CONVERTER
1. OVERVIEW
1.1 Description
The GMS81508B/16B/24B are advanced CMOS 8-bit microcontrollers with 8K/16K/24K bytes of ROM. The device is one
of GMS800 family. This device using the GMS800 family CPU includes several peripheral functions such as Timer, A/D
converter, Programmable buzzer driver, Serial I/O communication, Pulse Width Modulation function, etc. The RAM, ROM,
and I/O are placed on the same memory map in addition to simple instruction set.
The GMS815xxB is functionally 100% compatible with earier GMS81508/16 or GMS81508A/16A, however better charac-
teristics have such as strong EMS, wide operating voltage, temperature, frequency and fast programming time for the OTP.
1.2 Features
• 8K/16K/24K Bytes On-chip Program Memory
• 448 Bytes of On-chip Data RAM
(Included stack memory)
• Minimum Instruction Execution Time
0.5
µµµµs at 8MHz
• One 8-bit Basic Interval Timer
• Four 8-bit Timer/Event counter
or Two 16-bit Timer/Event counter
• One 6-bit Watchdog timer
• Eight channel 8-bit A/D converter
• Two channel 8-bit PWM
• One 8-bit Serial Communication Interface
• Four External Interrupt input ports
• Buzzer Driving port
- 500Hz ~ 250kHz@8MHz
• 52 I/O Ports, 4 Input Ports
• Twelve Interrupt sources
- Basic Interval Timer: 1
- External input: 4
- Timer/Event counter: 4
- ADC: 1
- Serial Interface: 1
- WDT: 1
• Built in Noise Immunity Circuit
- Noise filter
- Power fail processor
• Power Down Mode
- STOP mode
• 2.2V to 5.5V Wide Operating Range
• 1~10MHz Wide Operating Frequency
• 64SDIP, 64MQFP, 64LQFP package types
• Available 16K, 24K bytes OTP version
Device name
ROM Size
RAM Size
OTP
Package
GMS81508B
8K bytes
448 bytes
GMS81516BT
64SDIP, 64MQFP,
64LQFP
GMS81516B
16K bytes
448 bytes
GMS81516BT
GMS81524B
24K bytes
448 bytes
GMS81524BT


Similar Part No. - GMS81516BTLQ

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81516BTLQ HYNIX-GMS81516BTLQ Datasheet
1Mb / 110P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - GMS81516BTLQ

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C2012 HYNIX-GMS81C2012 Datasheet
1Mb / 107P
   HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com