Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR2505R Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MUR2505R
Description  Silicon Super Fast Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MUR2505R Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MUR2505R Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MUR2505R Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MUR2505R Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 200 V
IF = 25 A
Features
• High Surge Capability
DO-4 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
MUR2505 (R)
MUR2510 (R)
Unit
Repetitive peak reverse
voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
Silicon Super Fast
Recovery Diode
2. Reverse polarity (R): Stud is anode.
• Types from 50 V to 200 V VRRM
MUR2505 thru MUR2520R
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Conditions
MUR2520 (R)
200
140
DC blocking voltage
VDC
50
100
V
Continuous forward current
IF
25
25
A
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
MUR2505 (R)
MUR2510 (R)
Unit
Diode forward voltage
1
1
10
10
μA
33
mA
Recovery Time
Maximum reverse recovery
time
TRR
75
75
ns
MUR2520 (R)
-55 to 150
-55 to 150
1
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
Reverse current
IR
VF
A
25
500
VR = 50 V, Tj = 25 °C
IF = 25 A, Tj = 25 °C
TC ≤ 145 °C
Conditions
500
500
TC = 25 °C, tp = 8.3 ms
200
IF=0.5 A, IR=1.0 A,
IRR= 0.25 A
VR = 50 V, Tj = 125 °C
V
75
3
10
www.genesicsemi.com/silicon-products/super-fast-recovery-rectifiers/
1


Similar Part No. - MUR2505R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MUR2505R ETC2-MUR2505R Datasheet
484Kb / 2P
   Silicon Super Fast Recovery Diode
logo
America Semiconductor, ...
MUR2505R AMERICASEMI-MUR2505R Datasheet
432Kb / 2P
   HIGH POWER- SUPER FAST RECTIFIERS
logo
New Jersey Semi-Conduct...
MUR2505R NJSEMI-MUR2505R Datasheet
81Kb / 1P
   SUPER FAST RECOVERY DIODES STUD TYPE 25A ?
logo
GeneSiC Semiconductor, ...
MUR2505R GENESIC-MUR2505R Datasheet
791Kb / 3P
   Silicon Super Fast Recovery Diode
More results

Similar Description - MUR2505R

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MURF40040 GENESIC-MURF40040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURH7005 GENESIC-MURH7005 Datasheet
342Kb / 3P
   Silicon Super Fast Recovery Diode
MURF20040 GENESIC-MURF20040 Datasheet
353Kb / 3P
   Silicon Super Fast Recovery Diode
MURF30040 GENESIC-MURF30040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURH7040 GENESIC-MURH7040 Datasheet
351Kb / 3P
   Silicon Super Fast Recovery Diode
MURH10040 GENESIC-MURH10040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURT20005 GENESIC-MURT20005 Datasheet
360Kb / 3P
   Silicon Super Fast Recovery Diode
MURT30005 GENESIC-MURT30005 Datasheet
360Kb / 3P
   Silicon Super Fast Recovery Diode
MURTA20020 GENESIC-MURTA20020 Datasheet
425Kb / 3P
   Silicon Super Fast Recovery Diode
UFT10005 GENESIC-UFT10005 Datasheet
330Kb / 3P
   Silicon Super Fast Recovery Diode
MURTA40060 GENESIC-MURTA40060 Datasheet
422Kb / 4P
   Silicon Super Fast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com