Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C51AC3 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89C51AC3
Description  Based on the Intel Hex-type Records
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89C51AC3_14 Datasheet HTML 7Page - ATMEL Corporation AT89C51AC3_14 Datasheet HTML 8Page - ATMEL Corporation AT89C51AC3_14 Datasheet HTML 9Page - ATMEL Corporation AT89C51AC3_14 Datasheet HTML 10Page - ATMEL Corporation AT89C51AC3_14 Datasheet HTML 11Page - ATMEL Corporation AT89C51AC3_14 Datasheet HTML 12Page - ATMEL Corporation AT89C51AC3_14 Datasheet HTML 13Page - ATMEL Corporation AT89C51AC3_14 Datasheet HTML 14Page - ATMEL Corporation AT89C51AC3_14 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
4386B–8051–03/08
AT89C51AC3 UART Bootloader
Read the Flash or
EEPROM Data
The flow described below allows the user to read data in the Flash memory or in the EEPROM
data memory. A blank check command is possible with this flow.
The device splits into blocks of 16 bytes the data to transfer to the Host if the number of data to
display is greater than 16 data bytes.
Requests from Host
Note:
The field “Load offset” is not used.
Answers from
Bootloader
The bootloader answers to a read Flash or EEPROM Data memory command:
‘Address = data ‘ & ‘CR’ & ’LF’
up to 16 data by line.
‘X’ & ‘CR’ & ‘LF’ if the checksum is wrong
‘L’ & ‘CR’ & ‘LF’ if the Security is set
The bootloader answers to blank check command:
‘.’ & ‘CR’ & ’LF’ when the blank check is ok
‘First Address wrong’ ‘CR’ & ‘LF’ when the blank check is fail
‘X’ & ‘CR’ & ‘LF’ if the checksum is wrong
‘P’ & ‘CR’ & ‘LF’ if the Security is set
Flow Description: Blank
Check Command
Command Name
Record
Type
Load
Offset
Record
Length
Data[0]
Data[1]
Data[2]
Data[3]
Data[4]
Read Flash
04h
x
05h
start address
end Address
00h
Blank check on
Flash
01h
Read EEPROM
Data
02h
Host
Bootloader
Blank Check Command
’X’ & CR & LF
Flash blank
Wait Blank Check Command
Send first Address
Send COMMAND_OK
Send Blank Check Command
Wait Checksum Error
Wait Address not
erased
Wait COMMAND_OK
OR
COMMAND ABORTED
COMMAND FINISHED
Send Checksum error
COMMAND FINISHED
’.’ & CR & LF
OR
address & CR & LF
not erased
Checksum error


Similar Part No. - AT89C51AC3_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51AC3-RDTIM ATMEL-AT89C51AC3-RDTIM Datasheet
1Mb / 141P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3-RDTIM ATMEL-AT89C51AC3-RDTIM Datasheet
1Mb / 143P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3-RDTIM ATMEL-AT89C51AC3-RDTIM Datasheet
1Mb / 140P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3-RDTUM ATMEL-AT89C51AC3-RDTUM Datasheet
1Mb / 143P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3-RDTUM ATMEL-AT89C51AC3-RDTUM Datasheet
1Mb / 140P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
More results

Similar Description - AT89C51AC3_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51SND1 ATMEL-AT89C51SND1_14 Datasheet
293Kb / 25P
   Based on the Intel Hex-type Records
logo
STMicroelectronics
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
   Amplifier based on the TS4990IQT
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
   Plethysmograph based on the TS507
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
[Old version datasheet]   Microcontroller Based on the ARM
logo
Intel Corporation
GD82559C INTEL-GD82559C Datasheet
828Kb / 60P
   Intel-Based Electronic Classroom Student Computing Station Based on the Intel짰 Celeron??Processor and Intel짰 810 Chipset
logo
STMicroelectronics
STEVAL-ICB010V1 STMICROELECTRONICS-STEVAL-ICB010V1 Datasheet
242Kb / 4P
   AirNavigationPad based on the STM8T143, STM32F103
logo
NXP Semiconductors
IMX7ULPWSG NXP-IMX7ULPWSG Datasheet
7Mb / 12P
   Based on the i.MX 7ULP Applications Processor
2018
logo
STMicroelectronics
STEVAL-ISQ008V1 STMICROELECTRONICS-STEVAL-ISQ008V1 Datasheet
485Kb / 7P
   Fuel gauge implementation based on the STM32F103x
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
logo
EM Microelectronic - MA...
EMDB6812 EMMICRO-EMDB6812 Datasheet
380Kb / 19P
   The EMDB6812 is based on two PCBs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com