Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT83EB5114 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT83EB5114
Description  4 Kbytes ROM or 4 Kbytes Flash Program Memory
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83EB5114 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT83EB5114_14 Datasheet HTML 1Page - ATMEL Corporation AT83EB5114_14 Datasheet HTML 2Page - ATMEL Corporation AT83EB5114_14 Datasheet HTML 3Page - ATMEL Corporation AT83EB5114_14 Datasheet HTML 4Page - ATMEL Corporation AT83EB5114_14 Datasheet HTML 5Page - ATMEL Corporation AT83EB5114_14 Datasheet HTML 6Page - ATMEL Corporation AT83EB5114_14 Datasheet HTML 7Page - ATMEL Corporation AT83EB5114_14 Datasheet HTML 8Page - ATMEL Corporation AT83EB5114_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
5
AT89/83EB5114
4311C–8051–02/08
SFR Mapping
The Special Function Registers (SFRs) of the AT8xEB5114 belong to the following
categories:
C51 core registers: ACC, AUXR, AUXR1, B, DPH, DPL, PSW, SP, FCON, HSB
I/O port registers: P3, P4, P3M1, P3M2, P4M1
Timer registers: TCON, TH0, TH1, TL0, TL1, TMOD
Power and clock control registers: CKCON, CKRL, CKSEL, OSCBFA, OSCCON,
PCON
Interrupt system registers: IEN0, IPH0, IPL0, IOR
WatchDog Timer: WDTRST, WDTPRG
PWM0 registers: W0CH, W0CL, W0CON, W0FH, W0FL, W0IC, W0MOD, W0R0H,
W0R0L, W0R1H, W0R1L,W0R2H, W0R2L
PWM1registers: W1CH, W1CL, W1CON, W1FH, W1FL, W1IC, W1R0H, W1R0L
ADC registers: ADCA, ADCF, ADCLK, ADCON, ADDH, ADDL


Similar Part No. - AT83EB5114_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83EB5114XXXTGRIL ATMEL-AT83EB5114XXXTGRIL Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114XXXTGRIL ATMEL-AT83EB5114XXXTGRIL Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114XXXTGRUL ATMEL-AT83EB5114XXXTGRUL Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
More results

Similar Description - AT83EB5114_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89EB5114 ATMEL-AT89EB5114_14 Datasheet
950Kb / 95P
   4 Kbytes ROM or 4 Kbytes Flash Program Memory
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
STMicroelectronics
STM32F103RET6 STMICROELECTRONICS-STM32F103RET6 Datasheet
1Mb / 130P
   256 to 512 Kbytes of Flash memory
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
   Up to 64 Kbytes of Flash memory
October 2016 Rev 5
STM32F107VCT6 STMICROELECTRONICS-STM32F107VCT6 Datasheet
1Mb / 103P
   64 to 256 Kbytes of Flash memory
logo
Microchip Technology
ATA8710 MICROCHIP-ATA8710 Datasheet
508Kb / 39P
   Sub-GHz ASK/FSK RF Transmitter with Integrated MCU and 20 Kbytes Flash Program Memory
09/2021
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
STMicroelectronics
ST19WS04 STMICROELECTRONICS-ST19WS04 Datasheet
51Kb / 3P
   Smartcard MCU With 4 Kbytes EEPROM
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
STMicroelectronics
ST21F384 STMICROELECTRONICS-ST21F384 Datasheet
74Kb / 4P
   Smartcard MCU with 384 Kbytes of high density Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com