Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS81C2112 Datasheet(PDF) 89 Page - Hynix Semiconductor

Part # GMS81C2112
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2112 Datasheet(HTML) 89 Page - Hynix Semiconductor

Back Button GMS81C2112 Datasheet HTML 85Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 86Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 87Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 88Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 89Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 90Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 91Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 92Page - Hynix Semiconductor GMS81C2112 Datasheet HTML 93Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 107 page
background image
GMS81C2112/GMS81C2120
JUNE. 2001 Ver 1.00
83
21. OTP PROGRAMMING
21.1 DEVICE CONFIGURATION AREA
The Device Configuration Area can be programmed or left
unprogrammed to select device configuration such as secu-
rity bit.
Sixteen memory locations (7030H ~ 703FH) are designated
as Customer ID recording locations where the user can
store check-sum or other customer identification numbers.
This area is not accessible during normal execution but is
readable and writable during program / verify.
Figure 21-1 Device Configuration Area
DEVICE
7030H
7030H
703FH
703FH
ID
CONFIG
CONFIGURATION
AREA
7031H
ID
7032H
ID
7033H
ID
7034H
ID
7035H
ID
7036H
ID
7037H
ID
7038H
ID
7039H
ID
703AH
ID
703BH
ID
703CH
ID
703DH
ID
703EH
ID
7
6543210
RCO
INITIAL VALUE: --00 -0-0B
ADDRESS: 703FH
CONFIG
LOCK
Code Protect
0 : Allow Code Read Out
1 : Lock Code Read Out
PFD Level Selection
00: PFD = 2.7V
01: PFD = 2.7V
External RC OSC Selection
0: Crystal or Resonator Oscillator
1: External RC Oscillator
PFS0
PFS1
10: PFD = 3.0V
11: PFD = 2.4V


Similar Part No. - GMS81C2112

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 92P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
More results

Similar Description - GMS81C2112

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com