Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25671A3147A375 Datasheet(PDF) 5 Page - TDK Electronics

Part # B25671A3147A375
Description  Film Capacitors ??Power Factor Correction PoleCap capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25671A3147A375 Datasheet(HTML) 5 Page - TDK Electronics

  B25671A3147A375 Datasheet HTML 1Page - TDK Electronics B25671A3147A375 Datasheet HTML 2Page - TDK Electronics B25671A3147A375 Datasheet HTML 3Page - TDK Electronics B25671A3147A375 Datasheet HTML 4Page - TDK Electronics B25671A3147A375 Datasheet HTML 5Page - TDK Electronics B25671A3147A375 Datasheet HTML 6Page - TDK Electronics B25671A3147A375 Datasheet HTML 7Page - TDK Electronics B25671A3147A375 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Film Capacitors – Power Factor Correction
B25671A3147A375
PoleCap capacitors
MKK400-D-7.5-P
FK PC PM PFC
June 2009
Please read Cautions and warnings and
Page 5 of 8
Important notes at the end of this document.
Cautions and warnings
In case of dents of more than 1 mm depth or any other mechanical damage, capacitors must not
be used at all.
This applies also in cases of oil leakages.
To ensure the full functionality of the overpressure disconnector, elastic elements must not be
hindered and a minimum space of 12 mm has to be kept above each capacitor.
Do not handle the capacitor before it is discharged.
Resonance cases must be avoided by appropriate application design in any case.
Handle capacitors carefully, because they may still be charged even after disconnection due to
faulty discharging devices.
Protect the capacitor properly against over current and short circuit.
Failure to follow cautions may result, worst case, in premature failures, bursting and fire.
Discharging
Capacitors must be discharged to a maximum of 10% of rated voltage before they are switched in
again. This prevents an electric impulse discharge in the application, influences the capacitor’s
service life and protects against electric shock. The capacitor must be discharged to 75 V or less
within 3 minutes. There must be not any switch, fuse or any other disconnecting device in the circuit
between the power capacitor and the discharging device. PoleCap-capacitors have a pre-mounted
ceramic discharge module; alternatively discharge reactors are available from EPCOS. Discharge and
short circuit capacitor before handling!
Service life expectancy
Electrical components do not have an unlimited service life expectancy; this applies to self-healing
capacitors too. The maximum service life expectancy may vary depending on the application the
capacitor is used in.
Safety
Electrical or mechanical misapplication of capacitors may be hazardous. Personal injury or property
damage may result from bursting of the capacitor or from expulsion of oil or melted material due to
mechanical disruption of the capacitor.
Ensure good, effective grounding for capacitor enclosures.
Provide means of disconnecting and insulating a faulty component/bank.
The terminals of capacitors, connected bus bars and cables as well as other devices may also be
energized.
Follow good engineering practice.
Thermal load/over-temperature
After installation of the capacitor it is necessary to verify that maximum hot-spot temperature is not
exceeded at extreme service conditions.


Similar Part No. - B25671A3147A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25671A3147A375 EPCOS-B25671A3147A375 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B25671A3147A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25671A5996A375 EPCOS-B25671A5996A375 Datasheet
157Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitors
B25671A5127A375 EPCOS-B25671A5127A375_09 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5197A375 EPCOS-B25671A5197A375_09 Datasheet
119Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5177A375 EPCOS-B25671A5177A375_09 Datasheet
118Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
logo
TDK Electronics
B25671A3207A375 TDK-B25671A3207A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction PoleCap capacitor
logo
EPCOS
B25671A5247A375 EPCOS-B25671A5247A375_09 Datasheet
118Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5042A020 EPCOS-B25671A5042A020_09 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5052A020 EPCOS-B25671A5052A020 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5347A375 EPCOS-B25671A5347A375_09 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
logo
TDK Electronics
B25671A3247A375 TDK-B25671A3247A375 Datasheet
129Kb / 8P
   Film Capacitors . Power Factor Correction PoleCap capacitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com