Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS36004 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # GMS36004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36004 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button GMS36004 Datasheet HTML 5Page - Hynix Semiconductor GMS36004 Datasheet HTML 6Page - Hynix Semiconductor GMS36004 Datasheet HTML 7Page - Hynix Semiconductor GMS36004 Datasheet HTML 8Page - Hynix Semiconductor GMS36004 Datasheet HTML 9Page - Hynix Semiconductor GMS36004 Datasheet HTML 10Page - Hynix Semiconductor GMS36004 Datasheet HTML 11Page - Hynix Semiconductor GMS36004 Datasheet HTML 12Page - Hynix Semiconductor GMS36004 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 109 page
background image
1-4
Pin
Function
I/O
Connected to 2.0~ 3.6V power supply
Connected to 0V power supply.
K0 ~ K3
Input
GND
-
VDD
-
Each can be set and reset independently.
The output is the structure of N-channel-open-drain.
High current output port driving I.R. LED.
The output is in the form of N-channel-open-drain.
D0 ~ D9
Output
R0 ~ R3
I/O
REMOUT
Output
Oscillator input. Input to the oscillator circuit and connection point for
ceramic resonator.
Internal capacitors available at kHz version.
A feedback resistor is internally connected between this pin and
OSC2.
Connect a resonator between this pin and OSC1.
OSC1
Input
OSC2
Output
High current Tr. ground pin. (connected to GND)
High current output Tr. is connected between this pin and
REMOUT.
PGND
-
Chapter 1. GMS36XXX
Pin Description
4-bit input port with built in pull-up resistor.
STOP mode is released by "L" input of each pin.(masked option)
4-bit I/O port. (Input mode is set only when each of them output "H".)
In outputting, each can be set and reset independently(or at once.)
The output is in the form of C-MOS.
Pull-up resistor and STOP release mode can be respectively selected
as masked option for each pin. (It is released by ‘’L’’ input at STOP.)


Similar Part No. - GMS36004

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS36004 HYNIX-GMS36004 Datasheet
1Mb / 110P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS36004T HYNIX-GMS36004T Datasheet
1Mb / 110P
   4-BIT SINGLE CHIP MICROCOMPUTERS
More results

Similar Description - GMS36004

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
   4-BIT SINGLE CHIP MICROCOMPUTERS
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS30004 HYNIX-GMS30004 Datasheet
964Kb / 158P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS3637004 HYNIX-GMS3637004 Datasheet
1Mb / 110P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Sanyo Semicon Device
LM6417 SANYO-LM6417 Datasheet
221Kb / 2P
   NMOS 4-Bit Single-Chip Microcomputers
logo
Renesas Technology Corp
HD404019R RENESAS-HD404019R Datasheet
249Kb / 65P
   CMOS 4-bit single-chip microcomputers
logo
NEC
UPD7507 NEC-UPD7507 Datasheet
832Kb / 19P
   4 BIT SINGLE CHIP CMOS MICROCOMPUTERS
logo
Hitachi Semiconductor
HD404019 HITACHI-HD404019 Datasheet
3Mb / 69P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com