Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGY888_2015 Datasheet(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGY888_2015
Description  860 MHz, 34 dB gain push-pull amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGY888_2015 Datasheet(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGY888_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY888_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2001 Oct 25
5
Philips Semiconductors
Product specification
860 MHz, 34 dB gain push-pull amplifier
BGY888
Table 3
Bandwidth 40 to 750 MHz; VB = 24 V; Tcase =30 °C; ZS =ZL =75 Ω
Notes
1. fp = 55.25 MHz; Vp = 44 dBmV;
fq = 691.25 MHz; Vq = 44 dBmV;
measured at fp +fq = 746.5 MHz.
2. Measured according to DIN45004B:
fp = 740.25 MHz; Vp =Vo;
fq = 747.25 MHz; Vq =Vo−6 dB;
fr = 749.25 MHz; Vr =Vo −6 dB;
measured at fp +fq − fr = 738.25 MHz.
3. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gp
power gain
f = 50 MHz
33.5
34
34.5
dB
f = 750 MHz
34
−−
dB
SL
slope cable equivalent
f = 40 to 750 MHz
0.2
2.2
dB
FL
flatness of frequency response
f = 40 to 750 MHz
−−±0.45 dB
S11
input return losses
f = 40 to 80 MHz
20
25
dB
f = 80 to 160 MHz
18.5
28
dB
f = 160 to 320 MHz
17
28
dB
f = 320 to 640 MHz
15.5
21
dB
f = 640 to 750 MHz
14
18.5
dB
S22
output return losses
f = 40 to 80 MHz
20
25.5
dB
f = 80 to 160 MHz
18.5
28.5
dB
f = 160 to 320 MHz
17
26.5
dB
f = 320 to 640 MHz
15.5
20.5
dB
f = 640 to 750 MHz
14
21
dB
S21
phase response
f = 50 MHz
135
225
deg
CTB
composite triple beat
110 channels flat; Vo = 44 dBmV;
measured at 745.25 MHz
−−52.5 −50
dB
Xmod
cross modulation
110 channels flat; Vo = 44 dBmV;
measured at 55.25 MHz
−−55.5 −51
dB
CSO
composite second order
distortion
110 channels flat; Vo = 44 dBmV;
measured at 746.5 MHz
−−61.5 −53
dB
d2
second order distortion
note 1
−−−65
dB
Vo
output voltage
dim = −60 dB; note 2
59
−−
dBmV
F
noise figure
see Table 1
−−−
dB
Itot
total current consumption (DC)
note 3
325
340
mA


Similar Part No. - BGY888_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGY888 JMNIC-BGY888_15 Datasheet
65Kb / 12P
   860 MHz, 34 dB gain push-pull amplifier
More results

Similar Description - BGY888_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGY888 JMNIC-BGY888_15 Datasheet
65Kb / 12P
   860 MHz, 34 dB gain push-pull amplifier
CGY887B_2015 JMNIC-CGY887B_2015 Datasheet
56Kb / 8P
   860 MHz, 27.8 dB gain push-pull amplifier
logo
NXP Semiconductors
BGX885N NXP-BGX885N_01 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
2001 Nov 14
BGE885 NXP-BGE885_01 Datasheet
56Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
2001 Oct 31
logo
Quanzhou Jinmei Electro...
BGY883 JMNIC-BGY883_15 Datasheet
55Kb / 8P
   860 MHz, 15 dB gain push-pull amplifier
logo
NXP Semiconductors
CGY887B PHILIPS-CGY887B Datasheet
50Kb / 8P
   860 MHz, 27.8 dB gain push-pull amplifier
2001 Nov 27
logo
Quanzhou Jinmei Electro...
BGY887 JMNIC-BGY887_15 Datasheet
65Kb / 12P
   860 MHz, 21.5 dB gain push-pull amplifier
BGE885 JMNIC-BGE885_15 Datasheet
56Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
BGX885N JMNIC-BGX885N_15 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
BGE885_2015 JMNIC-BGE885_2015 Datasheet
56Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com